Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ESDALC6V1PX Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDALC6V1PX
Description  Low capacitance Transil??arrays for ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1PX Datasheet(HTML) 5 Page - STMicroelectronics

  ESDALC6V1PX_08 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1PX_08 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1PX_08 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1PX_08 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1PX_08 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1PX_08 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1PX_08 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1PX_08 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1PX_08 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ESDALC6V1Px
Package information
5/9
3
Package information
●
Epoxy meets UL94, V0
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at
www.st.com.
Figure 14.
SOT-663 footprint (dimensions in mm)
Table 3.
SOT-663 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.60
0.70
0.80
0.024 0.028 0.031
D
1.40
1.60
1.80
0.055 0.063 0.071
E
0.75
0.85
0.95
0.030 0.033 0.037
HE
1.50
1.60
1.70
0.059 0.063 0.067
L
0.39
0.015
L2
0.40
0.47
0.50
0.016 0.018 0.020
c
0.08
0.13
0.18
0.003 0.005 0.007
b
0.22
0.27
0.37
0.009 0.011 0.015
e
0.50
0.020
2xe
0.90
1.00
1.10
0.035 0.040 0.043
α
4°
7°
4°
7°
D
A
b
HE
E
L
e
2xe
L2
alpha
c



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com