Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST24LC21B Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST24LC21B
Description  1 Kbit x8 Dual Mode Serial EEPROM for VESA PLUG & PLAY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST24LC21B Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST24LC21B Datasheet HTML 13Page - STMicroelectronics ST24LC21B Datasheet HTML 14Page - STMicroelectronics ST24LC21B Datasheet HTML 15Page - STMicroelectronics ST24LC21B Datasheet HTML 16Page - STMicroelectronics ST24LC21B Datasheet HTML 17Page - STMicroelectronics ST24LC21B Datasheet HTML 18Page - STMicroelectronics ST24LC21B Datasheet HTML 19Page - STMicroelectronics ST24LC21B Datasheet HTML 20Page - STMicroelectronics ST24LC21B Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
AI01749
VSync
100nF
47k
Ω
+5V
SCL
SDA
+5V Monitor
VCLK
SCL
SDA
VSS
VCC
MONITOR
HOST
VGA Cable
14
15
12
9
Figure 13. Recommended Schematic for VESA 2.0 Specification
low during this time, the ST24xy21 terminate the
data transfer and switches to a standby state.
NOTE CONCERNING THE POWER SUPPLY
VOLTAGE IN THE VESA 2.0 SPECIFICATION
According to the VESA 2.0 specification, the
ST24xy21 can be supplied by either the MONITOR
or by the HOST (using +5V on the VGA cable pin
9) power supply. The easyest way to implement this
is to use 2 diodes as described in the following
schematic. The ST24xy21 supply voltage will be
decreased by 0.6V, which is the diode forward
voltage drop, and will be below 4.5V. Nevertheless,
the ST24xy21 remains operational and no input will
be damaged if the applied voltage on any input
complies with the Absolute Maximum Ratings val-
ues.
Under this condition, the threshold voltage of the
Schmitt-Trigger (pin 7) will be decreased (as in
Table 6).
17/22
ST24LC21B, ST24LW21, ST24FC21, ST24FC21B, ST24FW21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com