Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CAT3606 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT3606
Description  6-Channel Low Noise Charge Pump White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3606 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT3606 Datasheet HTML 1Page - Catalyst Semiconductor CAT3606 Datasheet HTML 2Page - Catalyst Semiconductor CAT3606 Datasheet HTML 3Page - Catalyst Semiconductor CAT3606 Datasheet HTML 4Page - Catalyst Semiconductor CAT3606 Datasheet HTML 5Page - Catalyst Semiconductor CAT3606 Datasheet HTML 6Page - Catalyst Semiconductor CAT3606 Datasheet HTML 7Page - Catalyst Semiconductor CAT3606 Datasheet HTML 8Page - Catalyst Semiconductor CAT3606 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CAT3606
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-5009 Rev. C
Characteristics subject to change without notice
LED CURRENT SETTING
The LED current is set by the external resistor RSET
connected between the RSET pin and ground. Table
1 lists various LED currents and the associated RSET
resistor value for standard 1% precision surface
mount resistors.
Table 1. RSET Resistor Selection
LED Current (mA)
RSET (kΩ)
1
649
2
287
5
102
10
49.9
15
32.4
20
23.7
30
15.4
The enable lines ENM
¯¯¯¯ and ENS
¯¯¯¯ allow to turn On or
Off a group of LEDs as shown in Table 2.
Table 2: LED Selection
Control Lines
LED Outputs
EN
ENM
¯¯¯¯
ENS
¯¯¯¯
Main
LED1 - LED4
Sub
LED5 -LED6
0
X
X
1
1
1
1
0
1
ON
1
1
0
ON
1
0
0
ON
ON
Notes: 1 = logic high (or VIN)
0 = logic low (or GND)
– = LED output OFF
X = don't care
The unused LED channels can also be turned off by
connecting the respective LED pins to VOUT. In which
case, the corresponding LED driver is disabled and
the typical LED
sink current is only about 0.2mA.
When the following equation is true on any channel,
the driver turns off the LED channel:
VOUT - VLED ≤ 1V (LED channel OFF)
Note: The CAT3606 is designed to drive LEDs with
forward voltage greater than 1V and is not compatible
with resistive loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com