Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6370 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6370
Description  2.5A high-side driver industrial intelligent power switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370 Datasheet(HTML) 1 Page - STMicroelectronics

  L6370 Datasheet HTML 1Page - STMicroelectronics L6370 Datasheet HTML 2Page - STMicroelectronics L6370 Datasheet HTML 3Page - STMicroelectronics L6370 Datasheet HTML 4Page - STMicroelectronics L6370 Datasheet HTML 5Page - STMicroelectronics L6370 Datasheet HTML 6Page - STMicroelectronics L6370 Datasheet HTML 7Page - STMicroelectronics L6370 Datasheet HTML 8Page - STMicroelectronics L6370 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
June 2007
Rev 7
1/19
19
L6370
2.5A high-side driver industrial intelligent power switch
Features
■ 2.5A output current
■ 9.5V to 35V supply voltage range
■ Internal current limiting
■ Thermal shutdown
■ Open ground protection
■ Internal negative voltage clamping to VS - 50V
for fast demagnetization
■ Differential inputs with large common mode
range and threshold hysteresis
■ Undervoltage lockout with hysteresis
■ Open load detection
■ Two diagnostic outputs
■ Output status led driver
■ Non dissipative short circuit protection
■ Protection against and surge transient
(IEC 61000-4-5)
■ Immunity against burst transient
(IEC 61000-4-4)
■ ESD protection (human body model ±2kV)
Description
The L6370 is a monolithic Intelligent Power
Switch in Multipower BCD Technology, for driving
inductive or resistive loads. An internal Clamping
Diode enables the fast demagnetization of
inductive loads. Diagnostic for CPU feedback and
extensive use of electrical protections make this
device extremely rugged and specially suitable for
industrial automation applications.
PowerSO-20
Table 1. Device summary
Part number
Op. Temp. range,
°CPackage
Packaging
L6370D
-25 to +85
PowerSO-20
Tube
L6370D013TR
-25 to +85
PowerSO-20
Tape & Reel
www.st.com


Similar Part No. - L6370

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6370 STMICROELECTRONICS-L6370 Datasheet
93Kb / 10P
2.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Mar-1997
L6370D STMICROELECTRONICS-L6370D Datasheet
93Kb / 10P
2.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Mar-1997
L6370L STMICROELECTRONICS-L6370L Datasheet
93Kb / 10P
2.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Mar-1997
L6370Q STMICROELECTRONICS-L6370Q Datasheet
270Kb / 16P
2.5 A single high-side smart power switch
04-Oct-2011
L6370Q STMICROELECTRONICS-L6370Q Datasheet
329Kb / 17P
2.5 A single high-side smart power switch
24-Jan-2013
More results

Similar Description - L6370

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6370 STMICROELECTRONICS-L6370 Datasheet
93Kb / 10P
2.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Mar-1997
L6376 STMICROELECTRONICS-L6376 Datasheet
123Kb / 12P
0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
Nov-1996
L6377 STMICROELECTRONICS-L6377 Datasheet
91Kb / 11P
0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
Feb-1996
TDE1890 STMICROELECTRONICS-TDE1890 Datasheet
111Kb / 12P
2A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Jul-1998
TDE1897C STMICROELECTRONICS-TDE1897C Datasheet
121Kb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Oct-1995
TDE1897R STMICROELECTRONICS-TDE1897R Datasheet
121Kb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Oct-1995
L6375D STMICROELECTRONICS-L6375D Datasheet
330Kb / 16P
0.5A high-side driver industrial intelligent power switch
24-Jul-2007
L6375S STMICROELECTRONICS-L6375S Datasheet
465Kb / 17P
0.5A high-side driver industrial intelligent power switch
15-Oct-2007
TDE1897C STMICROELECTRONICS-TDE1897C_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
TDE1897R STMICROELECTRONICS-TDE1897R_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com