Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB2S Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # MB2S
Description  0.5A Surface Mount Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MB2S Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  MB2S Datasheet HTML 1Page - TAITRON Components Incorporated MB2S Datasheet HTML 2Page - TAITRON Components Incorporated MB2S Datasheet HTML 3Page - TAITRON Components Incorporated MB2S Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. B/AH 2008-02-23
MB2S – MB8S
0.5A Surface Mount
Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
0.5A Surface Mount Bridge Rectifier
Features
• Glass Passivated Die Construction
• Low Forward Voltage Drop
• High Current Capability
• High Surge Current Capability
• Designed for Surface Mount Application
• Plastic Material – UL Flammability 94V-0
• RoHS Compliant
Mechanical Data
Case:
MBS, molded plastic
Terminals:
Plated leads solderable per MIL-STD-202, method 208
Polarity:
As marked on case
Mounting Position:
Any
Weight:
0.22 grams
Maximum Ratings And Electrical Characteristics (T
amb=25˚C)
Symbol
Description
MB2S
MB4S
MB6S
MB8S
Unit
Conditions
VRRM
Max. Repetitive Peak
Reverse Voltage
200
400
600
800
V
VRMS
Max. RMS Voltage
140
280
420
560
V
VDC
Max. DC Blocking
Voltage
200
400
600
800
V
0.5
A
TA
=40˚C, Note 1
IF(AV)
Average Rectified
Output Current
0.8
A
TA
=40˚C, Note 2
IFSM
Non-Repetitive Peak
Forward Surge Current
30
A
8.3ms single half
sine-wave
superimposed on rated
load (JEDEC Method)
VF
Forward Voltage per leg
1.0
V
IF=0.5A
MBS


Similar Part No. - MB2S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MB2S FAIRCHILD-MB2S Datasheet
140Kb / 3P
0.5 Ampere Glass Passivated Bridge Rectifiers
logo
General Semiconductor
MB2S GE-MB2S Datasheet
227Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB2S MCC-MB2S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Semikron International
MB2S SEMIKRON-MB2S Datasheet
205Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
MB2S BILIN-MB2S Datasheet
119Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - MB2S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B1S WTE-B1S_06 Datasheet
59Kb / 4P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MB1F-05-MBF YFWDIODE-MB1F-05-MBF Datasheet
424Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
05A-MB1F-MBF YFWDIODE-05A-MB1F-MBF Datasheet
476Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
B05M ZSELEC-B05M Datasheet
47Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
HD005 ZSELEC-HD005 Datasheet
87Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LB05F ZSELEC-LB05F Datasheet
340Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LF05F ZSELEC-LF05F Datasheet
340Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LLB05S ZSELEC-LLB05S Datasheet
340Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Yint Electroni...
MB1M YINT-MB1M Datasheet
476Kb / 3P
0.5A Surface Mount Glass Passivated Bridge Rectifier
logo
Zibo Seno Electronic En...
HD005M ZSELEC-HD005M Datasheet
89Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com