Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CEP-1141 Datasheet(PDF) 2 Page - CUI INC

Part # CEP-1141
Description  piezo telephone ringer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CEP-1141 Datasheet(HTML) 2 Page - CUI INC

  CEP-1141 Datasheet HTML 1Page - CUI INC CEP-1141 Datasheet HTML 2Page - CUI INC CEP-1141 Datasheet HTML 3Page - CUI INC CEP-1141 Datasheet HTML 4Page - CUI INC CEP-1141 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Part No: CEP-1141
Description: piezo telephone ringer
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Date: 9/22/2006
Unit: mm
Page No: 2 of 5
Typical Frequency Response Curve
Measurement Method
S.P.L. Measuring Circuit
Input Signal: 10 Vp-p, 1.1 KHz, Square Wave
Mic: RION S.P.L. meter UC30 or equivalent
S.G.: Hewlett Packard 33120A Function Generator or equivalent



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com