Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST90R158 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST90R158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90R158 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST90R158 Datasheet HTML 37Page - STMicroelectronics ST90R158 Datasheet HTML 38Page - STMicroelectronics ST90R158 Datasheet HTML 39Page - STMicroelectronics ST90R158 Datasheet HTML 40Page - STMicroelectronics ST90R158 Datasheet HTML 41Page - STMicroelectronics ST90R158 Datasheet HTML 42Page - STMicroelectronics ST90R158 Datasheet HTML 43Page - STMicroelectronics ST90R158 Datasheet HTML 44Page - STMicroelectronics ST90R158 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 190 page
background image
41/190
ST90158 - REGISTER AND MEMORY MAP
Table 7. Group F Pages
Resources available on the ST90158/ST90135 devices:
(*)
ST90158/ST90E158 only. Not present on ST90135.
Register
Page
0
2
3
8
9
10
11
1213212425
43
55
63
R255
Res.
Res.
PORT
7
MFT1
Res.
MFT0
(*)
Res.
MFT3
Res.
Res.
SCI0
SCI1
(*)
PORT
9
Res.
A/D
R254
SPI
R253
R252
WCR
R251
WDT
PORT
6
PORT
8
R250
PORT
2
R249
MMU
R248
MFT
R247
EXT
INT
Res.
Res.
MFT1
MFT3
Res.
Res.
R246
PORT
1
PORT
5
EXT
MI
RCCU
R245
Res.
R244
MMU
R243
Res.
Res.
MFT0
(*)
STIM
Res.
R242
PORT
0
PORT
4
RCCU
R241
Res.
Res.
R240
RCCU
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com