Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RL101F Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # RL101F
Description  1.0A Fast Recovery Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RL101F Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  RL101F Datasheet HTML 1Page - TAITRON Components Incorporated RL101F Datasheet HTML 2Page - TAITRON Components Incorporated RL101F Datasheet HTML 3Page - TAITRON Components Incorporated RL101F Datasheet HTML 4Page - TAITRON Components Incorporated RL101F Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1.0A Fast Recovery Rectifier
RL101F – RL107F
Rev. A/JJ 2007-06-15
www.taitroncomponents.com
Page 2 of 5
Ambient Temperature Ta (°C)
Number of Cycles at 60Hz
Note: 1. 8.3ms single half sine-wave superimposed on rated load (JEDEC method)
2. Measured at 1MHz and applied reverse voltage of 4.0Volts D.C.
3. Thermal resistance from junction to ambient at .375" (9.5mm) lead length.
Typical Characteristics Curves
Symbol
Description
RL101F
RL102F
RL103F
RL104F
RL105F
RL106F
RL107F
Unit
VF
Maximum Forward
Voltage @
IF=1.0A
1.3
V
TA=25° C
5.0
µA
IR
Maximum DC
Reverse Current at
Rated DC Blocking
Voltage
TA=100° C
500
uA
CJ
Typical Junction
Capacitance (Note2)
15
pf
Rθ-JA
Maximum Thermal
Resistance (Note3)
50
° C/W
Fig.2-Max. Non-Repetitive Forward Surge Current
Fig.1- Forward Current Derating Curve



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com