Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST95P08 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST95P08
Description  8 Kbit Serial SPI EEPROM with Positive Clock Strobe
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95P08 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST95P08 Datasheet HTML 4Page - STMicroelectronics ST95P08 Datasheet HTML 5Page - STMicroelectronics ST95P08 Datasheet HTML 6Page - STMicroelectronics ST95P08 Datasheet HTML 7Page - STMicroelectronics ST95P08 Datasheet HTML 8Page - STMicroelectronics ST95P08 Datasheet HTML 9Page - STMicroelectronics ST95P08 Datasheet HTML 10Page - STMicroelectronics ST95P08 Datasheet HTML 11Page - STMicroelectronics ST95P08 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Read Status Register (RDSR)
The RDSR instruction provides access to the status
register. The status register may be read at any
time, even during a non-volatile write. As soon as
the 8th bit of the status register is read out, the
ST95P08 enters a wait mode (data on D are not
decoded, Q is in Hi-Z) until it is deselected.
The status register format is as follows:
b7
b0
1
1
1
1
BP1
BP0
WEL
WIP
BP1, BP0: Read and write bits
WEL, WIP: Read only bits.
During a non-volatile write to the memory array, all
bits BP1, BP0, WEL, WIP are valid and can be read.
During a non volatile write to the status register, the
only bits WEL and WIP are valid and can be read.
The values of BP1 and BP0 read at that time
correspond to the previous contents of the status
register.
The Write-In-Process (WIP) read only bit indicates
whether the ST95P08 is busy with a write opera-
tion. When set to a ’1’ a write is in progress, when
set to a ’0’ no write is in progress.
The Write Enable Latch (WEL) read only bit indi-
cates the status of the write enable latch. When set
to a ’1’ the latch is set, when set to a ’0’ the latch is
reset.
The Block Protect (BP0 and BP1) bits indicate the
extent of the protection employed. These bits are
set by the user issuing the WRSR instruction.
These bits are non-volatile.
Write Status Register (WRSR)
The WRSR instruction allows the user to select the
size of protected memory. The ST95P08 is divided
into four 2048 bit blocks. The user may read the
blocks but will be unable to write within the selected
blocks.
The blocks and respective WRSR control bits are
shown in Table 6.
When the WRSR instruction and the 8 bits of the
Status Register are latched-in, the internal write
cycle is then triggered by the rising edge of S. This
rising edge of S must appear after the 8th bit of the
Status Register content (it must not appear a 17th
clock pulse before the rising edge of S), otherwise
the internal write sequence is not performed.
Read Operation
The chip is first selected by putting S low. The serial
one byte read instruction is followed by a one byte
address (A7-A0), each bit being latched-in during
the rising edge of the clock (C). Bit 3 and 4 of the
read instruction contain address bits A9 and A8
(most significant address bits). These bits are used
to select the first or second page of the device.
Then, the data stored in the memory at the selected
address is shifted out on the Q output pin; each bit
being shifted out during the falling edge of the clock
(C). The data stored in the memory at the next
address can be read in sequence by continuing to
provide clock pulses. The byte address is automat-
Status Register Bits
Array Addresses
Protected
BP1
BP0
0
0
none
0
1
300h - 3FFh
1
0
200h - 3FFh
1
1
000h - 3FFh
Table 7. Array Addresses Protect
Instruction
Description
Instruction Format
WREN
Set Write Enable Latch
000X X110
WRDI
Reset Write Enable Latch
000X X100
RDSR
Read Status Register
000X X101
WRSR
Write Status Register
000X X001
READ
Read Data from Memory Array
000A A011
WRITE
Write Data to Memory Array
000A A010
Notes: A = 1, Upper page selected
A = 0, Lower page selected
X = Don’t care
Table 8. Instruction Set
8/16
ST95P08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com