Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA7056 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA7056
Description  3W MONO BRIDGE AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA7056 Datasheet(HTML) 3 Page - STMicroelectronics

  STA7056 Datasheet HTML 1Page - STMicroelectronics STA7056 Datasheet HTML 2Page - STMicroelectronics STA7056 Datasheet HTML 3Page - STMicroelectronics STA7056 Datasheet HTML 4Page - STMicroelectronics STA7056 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, VS = 12V; RL = 16
Ω; RS = 50Ω; f = 1KHz,
Tamb = 25°C unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
3
18
V
Iq
Total Quiescent Current
RL =
∞
68
mA
RL = 16
Ω
10
20
mA
IO
Repetitive Peak Output Current
0.9
A
PO
Output Power
THD = 10%; RL = 16
Ω
2.8
3.3
W
THD = 10%; RL = 8
Ω
4.5
W
THD
Total Harmonic Distortion
PO = 0.5W
0.25
1
%
Gv
Voltage Gain
39
40.5
42
dB
|Zin|
Input Impedance
100
K
Ω
Ii
Input Bias Current
100
300
nA
∆VO
DC Output Offset Voltage
RS = 5K
Ω
250
mV
SVR
Supply Voltage Rejection
RS = 0
Ω; f = 100Hz to 10 KHz;
Vr = 0.2V
36
50
dB
Vno
Noise Output Voltage
RS = 5K
Ω; f = 20Hz to 20 KHz;
180
300
µV
STA7056
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com