Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STB19NB20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB19NB20
Description  N - CHANNEL ENHANCEMENT MODE PowerMESH] MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB19NB20 Datasheet(HTML) 1 Page - STMicroelectronics

  STB19NB20 Datasheet HTML 1Page - STMicroelectronics STB19NB20 Datasheet HTML 2Page - STMicroelectronics STB19NB20 Datasheet HTML 3Page - STMicroelectronics STB19NB20 Datasheet HTML 4Page - STMicroelectronics STB19NB20 Datasheet HTML 5Page - STMicroelectronics STB19NB20 Datasheet HTML 6Page - STMicroelectronics STB19NB20 Datasheet HTML 7Page - STMicroelectronics STB19NB20 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STB19NB20
N - CHANNEL ENHANCEMENT MODE
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 0.150
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
s
FOR THROUGH-HOLE VERSION CONTACT
SALES OFFICE
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced family of
Power MOSFETs
with
outstanding
performance.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
June 1998
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
200
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)200
V
VGS
G ate-source Volt age
± 30
V
ID
Drain Current (continuous) at Tc =25
oC19
A
ID
Drain Current (continuous) at Tc = 100
oC12
A
IDM(
•)
Drain Current (pulsed)
76
A
Ptot
T otal Dissipation at Tc =25
oC125
W
Derating Factor
1
W /
oC
dv/dt(1)
Peak Diode Recovery voltage slope
5.5
V/ns
Tstg
Storage T emperature
-65 to 150
oC
Tj
Max. O perat ing Junct ion T emperature
150
oC
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 19A, di/dt ≤ 300 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
1
3
D
2PAK
TO-263
(suffix ”T4”)
TYPE
VDSS
RDS(on)
ID
ST B19NB20
200 V
< 0.180
Ω
19 A
1/8


Similar Part No. - STB19NB20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB19NB20-1 STMICROELECTRONICS-STB19NB20-1 Datasheet
546Kb / 12P
N-CHANNEL 200V - 0.15ohm - 19A - TO-220/TO-220FP/I2PAK PowerMESH™ MOSFET
Aug-2002
More results

Similar Description - STB19NB20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB11NB40 STMICROELECTRONICS-STB11NB40 Datasheet
102Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
STB7NB40 STMICROELECTRONICS-STB7NB40 Datasheet
61Kb / 6P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Oct-1997
STD2NB60 STMICROELECTRONICS-STD2NB60 Datasheet
291Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
STP10NB20 STMICROELECTRONICS-STP10NB20 Datasheet
122Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Nov-1997
STP12NB30 STMICROELECTRONICS-STP12NB30 Datasheet
56Kb / 6P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Jan-1998
STP5NB40 STMICROELECTRONICS-STP5NB40 Datasheet
71Kb / 7P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Oct-1997
STP7NB40 STMICROELECTRONICS-STP7NB40 Datasheet
73Kb / 4P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Jan-1998
STP7NB60 STMICROELECTRONICS-STP7NB60 Datasheet
115Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
STU13NB60 STMICROELECTRONICS-STU13NB60 Datasheet
61Kb / 6P
N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Oct-1997
STU36NB20 STMICROELECTRONICS-STU36NB20 Datasheet
57Kb / 6P
N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Jan-1998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com