Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STB20NM50FD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB20NM50FD
Description  N-CHANNEL 500V - 0.20ohm - 20A D2PAK FDmesh™ Power MOSFET With FAST DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB20NM50FD Datasheet(HTML) 1 Page - STMicroelectronics

  STB20NM50FD Datasheet HTML 1Page - STMicroelectronics STB20NM50FD Datasheet HTML 2Page - STMicroelectronics STB20NM50FD Datasheet HTML 3Page - STMicroelectronics STB20NM50FD Datasheet HTML 4Page - STMicroelectronics STB20NM50FD Datasheet HTML 5Page - STMicroelectronics STB20NM50FD Datasheet HTML 6Page - STMicroelectronics STB20NM50FD Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
PRELIMINARY DATA
November 2001
STB20NM50FD
N-CHANNEL 500V - 0.20
Ω - 20A D2PAK
FDmesh™Power MOSFET (With FAST DIODE)
n
TYPICAL RDS(on) = 0.20Ω
n
HIGH dv/dt AND AVALANCHE CAPABILITIES
n
100% AVALANCHE TESTED
n
LOW INPUT CAPACITANCE AND GATE
CHARGE
n
LOW GATE INPUT RESISTANCE
n
TIGHT PROCESS CONTROL AND HIGH
MANUFACTURING YIELDS
DESCRIPTION
The FDmesh™ associates all advantages of re-
duced on-resistance and fast switching with an in-
trinsic fast-recovery body diode. It is therefore
strongly recommended for bridge topologies, in par-
ticular ZVS phase-shift converters.
APPLICATIONS
n
ZVS PHASE-SHIFT FULL BRIDGE
CONVERTERS FOR SMPS AND WELDING
EQUIPMENT
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STB20NM50FD
500V
< 0.25
Ω
20 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
500
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
500
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC = 25°C
20
A
ID
Drain Current (continuos) at TC = 100°C
14
A
IDM (l)
Drain Current (pulsed)
80
A
PTOT
Total Dissipation at TC = 25°C
192
W
Derating Factor
0.88
W/°C
dv/dt
Peak Diode Recovery voltage slope
6
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
D2PAK
1
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STB20NM50FD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB20NM50FD STMICROELECTRONICS-STB20NM50FD Datasheet
494Kb / 11P
N-CHANNEL 500V - 0.22W - 20A TO-220/TO-220FP/D2PAK FDmesh??Power MOSFET (with FAST DIODE)
Nov-2003
STB20NM50FD STMICROELECTRONICS-STB20NM50FD Datasheet
403Kb / 16P
N-channel 500 V, 0.22 Ω, 20 A D2PAK, TO-220FP, TO-220 FDmesh??Power MOSFET
21-Apr-2008
logo
Inchange Semiconductor ...
STB20NM50FD ISC-STB20NM50FD Datasheet
296Kb / 2P
isc N-Channel Mosfet Transistor
logo
STMicroelectronics
STB20NM50FD-1 STMICROELECTRONICS-STB20NM50FD-1 Datasheet
276Kb / 9P
N-CHANNEL 500V - 0.22ohm - 20A TO-220/I2PAK FDmesh™ Power MOSFET with FAST DIODE
Aug-2003
STB20NM50FD STMICROELECTRONICS-STB20NM50FD_08 Datasheet
403Kb / 16P
N-channel 500 V, 0.22 Ω, 20 A D2PAK, TO-220FP, TO-220 FDmesh??Power MOSFET
21-Apr-2008
More results

Similar Description - STB20NM50FD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP20NM50 STMICROELECTRONICS-STP20NM50 Datasheet
532Kb / 16P
N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
05-Sep-2005
STP20NM50FD STMICROELECTRONICS-STP20NM50FD Datasheet
276Kb / 9P
N-CHANNEL 500V - 0.22ohm - 20A TO-220/I2PAK FDmesh™ Power MOSFET with FAST DIODE
Aug-2003
STW20NM50 STMICROELECTRONICS-STW20NM50 Datasheet
256Kb / 8P
N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh™ Power MOSFET
Aug-2002
STW20NM50FD STMICROELECTRONICS-STW20NM50FD Datasheet
248Kb / 8P
N-CHANNEL 500V - 0.22ohm - 20A TO-247 FDmesh™ Power MOSFET with FAST DIODE
Jun-2002
STW45NM50FD STMICROELECTRONICS-STW45NM50FD Datasheet
255Kb / 8P
N-CHANNEL 500V - 0.07ohm - 45A TO-247 FDmesh™ Power MOSFET With FAST DIODE
Jun-2002
STB20NM60D STMICROELECTRONICS-STB20NM60D Datasheet
283Kb / 13P
N-channel 600V - 0.26廓 - 20A - D2PAK FDmesh??Power MOSFET
08-Jun-2006
STF20NM50D STMICROELECTRONICS-STF20NM50D Datasheet
494Kb / 11P
N-CHANNEL 500V - 0.22W - 20A TO-220/TO-220FP/D2PAK FDmesh??Power MOSFET (with FAST DIODE)
Nov-2003
STB12NM50ND STMICROELECTRONICS-STB12NM50ND Datasheet
584Kb / 13P
N-channel 500 V, 0.29 Ω, 11 A, FDmesh??II Power MOSFET (with fast diode), D2PAK, DPAK
23-Sep-2008
STB12NM50ND STMICROELECTRONICS-STB12NM50ND_09 Datasheet
1Mb / 16P
N-channel 500V, 0.29 OHM, 11A, FDmesh II Power MOSFET (with fast diode) in D2PAK, DPAK, TO-220FP
10-Jun-2009
logo
Unisonic Technologies
20N50 UTC-20N50 Datasheet
142Kb / 4P
20A, 500V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com