Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STB4395A Datasheet(PDF) 15 Page - STMicroelectronics

Part # STB4395A
Description  CT2 RECEIVER/TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4395A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STB4395A Datasheet HTML 8Page - STMicroelectronics STB4395A Datasheet HTML 9Page - STMicroelectronics STB4395A Datasheet HTML 10Page - STMicroelectronics STB4395A Datasheet HTML 11Page - STMicroelectronics STB4395A Datasheet HTML 12Page - STMicroelectronics STB4395A Datasheet HTML 13Page - STMicroelectronics STB4395A Datasheet HTML 14Page - STMicroelectronics STB4395A Datasheet HTML 15Page - STMicroelectronics STB4395A Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
9 - APPLICATIONS
9.1 - Typical DC connection schemes
9.1.1 - Internal Regulator
The STB4395 has built-in internal regulators which
allows 15mA to be used for external circuitry. The
output of this regulator is -2.85V with respect to the
positive supply rail.
9.1.2 - External Regulator
The STB4395 will always generate its own supply
voltage(-2.85V with respect to VP), but the I/O
interfaces allow the STB4395 to swing its output
levels to the supply rails (VP to VN). The system and
baseband controller can therefore be connected
from the same -unregulated- supply and be indi-
vidually regulated, if required .
9.2 - Application Circuits
9.2.1 - Introduction
The STB4395 makes use of some unusual circuit
configurations :
- The STB4395 operatesfrom positive ground. The
decoupling of the supply lines should take into
account that the a.c. ground connections will be
reversed with respect to the baseband circuit
and/or the microcontroller. The use of multilayer
PCB is recommended.
- The filters have been adapted for the best per-
formance of the IC, although standard configura-
tions are also considered.
9.2.2 - Fully Configured Applications Example
Figure 3 is a typical application circuit for a com-
plete system. It shows the typical external compo-
nents to the circuit. As the reactance of the
components is critical in many locations, the use of
surface mounted componentsis essential. Atypical
component list is also attached. It also shows the
typical values for the the various VCO circuits.The
values are very dependent on layout.
C3 3
10n F
VN
VN
R1 2k
Ω
C1
56 pF
C4
5 6pF
C7
56p F
C1 0
56 pF
R2 2k
Ω
R4 2 k
Ω
R7 2 k
Ω
1
2
3
4
5
6
7
8
9
10
16
17
18
19
20
2 6
2 7
2 8
2 9
30
36
37
38
40
11
12
13
14
15
21
22
23
24
31
32
33
34
35
25
39
46
47
48
50
41
42
43
44
45
49
56
57
58
60
51
52
53
54
55
59
61
62
63
64
C1 7
100 nF
C16
2-6p F
C18 20 0nF
L3 1 5n H
L2 1 5n H
R12 50
Ω
C1 9
8.2 nF
C15
82n F
L4
56
µH
R6 0
Ω
R5 0
Ω
R3 0
Ω
R1 1 6. 8k
Ω
R10 6. 8k
Ω
R9 6.8 k
Ω
C8
0pF
C1 2
30 0p F
C1 3
30 0p F
C5
0p F
C2
0pF
C1 4
30 0p F
C1 1
10n F
R13
5 .1k
Ω
R8
51
Ω
L1 330
µH
C3
10
µF
C6
100 nF
C9
100 nF
VN
VP
VN
VN
C2 2
10 0n F
VN
C26
56 0pF
C3 4
10n F
10n F
C3 2
C38
10 0nF
R1 8
5
Ω
L10
8n H
L8
8nH
L7
10 nH
L11
10n H
R21
0 -10k
Ω
L5
8. 2nH
C24 0pF
R15 2k
Ω
C3 7
2-6p F
L17 47 nH
C3 6
5. 6nF
C40
5 6nF
R2 5
L18 47 nH
100
Ω
R24
5 .1k
Ω
C4 6
100 nF
VN
2-50 pF
C44
82 0pF
R26
10 k
Ω
L22
10
µH
C47
100 nF
C48
47p F
L23
10
µH
C49
47p F
C42
2 -50p F
C4 5
82 0pF
C4 3
1n F
L19
12 00n H
L21 3 90 nH
L20 3 90 nH
R2 3
L16 2 70 nH
L15 2 70 nH
20
Ω
L13 7 50 nH
L14 7 50 nH
L9
8n H
L6
8nH
C2 7
0pF
R17
20
Ω
Approx value s of b uried trac k
indu cta nc e s to grou nd
C28
68p F
R1 9
27k
Ω
R2 0
27k
Ω
C3 1
20 pF
L12
56
µH
C35
1 00p F
C28
68p F
C3 9
2-50 pF
R22
10k
Ω
33n F
C20
R14
5 .1k
Ω
C21
47n F
C23
4.7 pF
C2 5
10 0nF
C16 , C15, C1 9, C21 , C23, C4 1, C45
provision for co nn e ction to grou nd a lso
SAW
8 66MHz
50
Ω
300
Ω
SAW
15 0.4 MHz
STB4395A
TQFP 64
(from above)
R16 4 .7k
Ω
C29
100 nF
NVBAT
VRD
NPRGE N
PRGCLK
PRGD
NTXEN
LOCK
I
Q
REFIQ
FN
EN
DO
FSH
RSSI
SYNCLK
C41
1k
Ω
1k
Ω
Figure 3
STB4395
15/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com