Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STC08IE150HV Datasheet(PDF) 1 Page - STMicroelectronics

Part # STC08IE150HV
Description  Emitter switched bipolar transistor ESBT 1500V - 8A - 0.08?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC08IE150HV Datasheet(HTML) 1 Page - STMicroelectronics

  STC08IE150HV Datasheet HTML 1Page - STMicroelectronics STC08IE150HV Datasheet HTML 2Page - STMicroelectronics STC08IE150HV Datasheet HTML 3Page - STMicroelectronics STC08IE150HV Datasheet HTML 4Page - STMicroelectronics STC08IE150HV Datasheet HTML 5Page - STMicroelectronics STC08IE150HV Datasheet HTML 6Page - STMicroelectronics STC08IE150HV Datasheet HTML 7Page - STMicroelectronics STC08IE150HV Datasheet HTML 8Page - STMicroelectronics STC08IE150HV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
November 2007
Rev 3
1/11
11
STC08IE150HV
Emitter switched bipolar transistor
ESBT® 1500V - 8A - 0.08
Ω
Features
■ High voltage / high current cascode
configuration
■ Low equivalent on resistance
■ Very fast-switch, up to 150 kHz
■ Squared RBSOA, up to 1500 V
■ Very low CISS driven by RG = 4.7 Ω
■ Very low turn-off cross over time
Application
■ Aux SMPS for three phase mains
■ PFC
Description
The STC08IE150HV is manufactured in
monolithic ESBT technology, aimed to provide
best performance in high frequency / high voltage
applications. it is designed for use in gate driven
based topologies.
Figure 1.
Internal schematic diagrams
VCS(ON)
IC
RCS(ON)
0.65 V
8 A
0.08
Ω
TO247-4L HV
1
23
4
Table 1.
Device summary
Part number
Marking
Package
Packaging
STC08IE150HV
C08IE150HV
TO247-4L HV
Tube
www.st.com


Similar Part No. - STC08IE150HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
01-Dec-2006
More results

Similar Description - STC08IE150HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC03DE170HP STMICROELECTRONICS-STC03DE170HP Datasheet
313Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55OHM
26-Sep-2006
STC04IE170HP STMICROELECTRONICS-STC04IE170HP Datasheet
282Kb / 11P
Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17OHM
21-Nov-2006
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
26-Oct-2006
STC08DE150HV STMICROELECTRONICS-STC08DE150HV Datasheet
270Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
25-Oct-2006
STC08IE120HP STMICROELECTRONICS-STC08IE120HP Datasheet
295Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
16-Oct-2006
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
12-Jan-2007
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
01-Dec-2006
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
28-Nov-2006
STC04IE170HV_0611 STMICROELECTRONICS-STC04IE170HV_0611 Datasheet
255Kb / 11P
Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
21-Nov-2006
STC06IE170HV STMICROELECTRONICS-STC06IE170HV Datasheet
144Kb / 8P
Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
21-May-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com