Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS951ID Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS951ID
Description  Input/output rail-to-rail low power operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS951ID Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS951ID Datasheet HTML 9Page - STMicroelectronics TS951ID Datasheet HTML 10Page - STMicroelectronics TS951ID Datasheet HTML 11Page - STMicroelectronics TS951ID Datasheet HTML 12Page - STMicroelectronics TS951ID Datasheet HTML 13Page - STMicroelectronics TS951ID Datasheet HTML 14Page - STMicroelectronics TS951ID Datasheet HTML 15Page - STMicroelectronics TS951ID Datasheet HTML 16Page - STMicroelectronics TS951ID Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
TS951-TS952-TS954
Ordering information
15/17
4
Ordering information
Table 12.
Order codes
Part number
Temperature
range
Package
Packing
Marking
TS951IN
-40°C to +125°C
DIP8
Tube
TS951IN
TS951ID
TS951IDT
SO-8
Tube or
Tape & reel
951I
TS951ILT
SOT23-5L
Tape & reel
K101
TS951IYLT(1)
SOT23-5L
(Automotive grade)
K102
TS952IN
DIP8
Tube
TS952IN
TS952ID
TS952IDT
SO-8
Tube or
Tape & reel
952I
TS952IYD(2)
TS952IYDT(2)
SO-8
(Automotive grade)
952IY
TS952IPT
TSSOP8
Tape & reel
952I
TS952IYPT(1)
TSSOP8
(Automotive grade)
952Y
TS954IN
DIP14
Tube
TS954IN
TS954ID
TS954IDT
SO-14
Tube or
Tape & reel
954I
TS954IYD(2)
TS954IYDT(2)
SO-14
(Automotive grade)
954IY
TS954IPT
TSSOP14
Tape & reel
954I
TS954IYPT(1)
TSSOP14
(Automotive grade)
954Y
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 & Q 002 or equivalent are on-going.
2.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001
& Q 002 or equivalent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com