Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STD25NF10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD25NF10
Description  N-CHANNEL 100V - 0.033ohm - 25A DPAK LOW GATE CHARGE STripFET™ POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD25NF10 Datasheet(HTML) 1 Page - STMicroelectronics

  STD25NF10 Datasheet HTML 1Page - STMicroelectronics STD25NF10 Datasheet HTML 2Page - STMicroelectronics STD25NF10 Datasheet HTML 3Page - STMicroelectronics STD25NF10 Datasheet HTML 4Page - STMicroelectronics STD25NF10 Datasheet HTML 5Page - STMicroelectronics STD25NF10 Datasheet HTML 6Page - STMicroelectronics STD25NF10 Datasheet HTML 7Page - STMicroelectronics STD25NF10 Datasheet HTML 8Page - STMicroelectronics STD25NF10 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
May 2002
STD25NF10
N-CHANNEL 100V - 0.033
Ω - 25A DPAK
LOW GATE CHARGE STripFET™ POWER MOSFET
(1) ISD ≤35A, di/dt ≤300A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(2) Starting Tj = 25°C, ID = 12.5A, VDD = 50V
s
TYPICAL RDS(on) = 0.033Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power Mosfet series realized with STMicro-
electronics unique STripFET process has specifical-
ly been designed to minimize input capacitance and
gate charge. It is therefore suitable as primary
switch in advanced high-efficiency isolated DC-DC
converters for Telecom and Computer application. It
is also intended for any application with low gate
charge drive requirements.
APPLICATIONS
s
HIGH-EFFICIENCY DC-DC CONVERTERS
s
UPS AND MOTOR CONTROL
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
(*) Current Limited by Package
TYPE
VDSS
RDS(on)
ID
STD25NF10
100 V
< 0.038
Ω
25 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
100
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
100
V
VGS
Gate- source Voltage
± 20
V
ID (*)
Drain Current (continuos) at TC = 25°C
25
A
ID
Drain Current (continuos) at TC = 100°C
21
A
IDM (l)
Drain Current (pulsed)
100
A
PTOT
Total Dissipation at TC = 25°C
100
W
Derating Factor
0.67
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
13
V/ns
EAS (2)
Single Pulse Avalanche Energy
480
mJ
Tstg
Storage Temperature
–55 to 175
°C
Tj
Operating Junction Temperature
DPAK
1
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STD25NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD25NF10L STMICROELECTRONICS-STD25NF10L Datasheet
451Kb / 9P
N-CHANNEL 100V - 0.030 ohm - 25A DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Feb-2003
STD25NF10LA STMICROELECTRONICS-STD25NF10LA Datasheet
656Kb / 15P
N-channel 100 V, 0.030 廓, 25 A DPAK STripFET??II Power MOSFET
05-Oct-2011
logo
VBsemi Electronics Co.,...
STD25NF10LA VBSEMI-STD25NF10LA Datasheet
984Kb / 8P
N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
STD25NF10LA ISC-STD25NF10LA Datasheet
329Kb / 2P
isc N-Channel MOSFET Transistor
logo
BYCHIP ELECTRONICS CO.,...
STD25NF10LA BYCHIP-STD25NF10LA Datasheet
858Kb / 4P
N-channel Enhancement Mode Power MOSFET
v1.0
More results

Similar Description - STD25NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB40NF10L STMICROELECTRONICS-STB40NF10L Datasheet
435Kb / 9P
N-CHANNEL 100V - 0.028Ω - 40A D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2001
STD10NF10 STMICROELECTRONICS-STD10NF10 Datasheet
458Kb / 14P
N-CHANNEL 100V - 0.115 ohm - 13A IPAK/DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
07-Aug-2006
STD15NF10 STMICROELECTRONICS-STD15NF10 Datasheet
412Kb / 13P
N-channel 100V - 0.060ohm- 23A - DPAK Low gate charge STripFET II Power MOSFET
08-Aug-2006
STD20NF10 STMICROELECTRONICS-STD20NF10 Datasheet
303Kb / 9P
N-CHANNEL 100V - 0.038 ohm - 25A IPAK/DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Oct-2002
STD25NF10L STMICROELECTRONICS-STD25NF10L Datasheet
451Kb / 9P
N-CHANNEL 100V - 0.030 ohm - 25A DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Feb-2003
STD6NF10 STMICROELECTRONICS-STD6NF10 Datasheet
266Kb / 9P
N-CHANNEL 100V - 0.22 ohm - 6A IPAK/DPAK LOW GATE CHARGE STripFET™ POWER MOSFET
Jun-2001
STP135N10 STMICROELECTRONICS-STP135N10 Datasheet
204Kb / 8P
N-CHANNEL 100V - 0.007 ohm - 135A DPAK/TO-220 LOW GATE CHARGE STripFET POWER MOSFET
Jul-2003
STD40NF10 STMICROELECTRONICS-STD40NF10 Datasheet
379Kb / 15P
N-channel 100V - 0.025Ω - 50A TO-220 / DPAK Low gate charge STripFET??II Power MOSFET
19-Sep-2007
STD26NF10 STMICROELECTRONICS-STD26NF10 Datasheet
397Kb / 13P
N-channel 100V - 0.033Ω - 25A - DPAK Low gate charge STripFET™II Power MOSFET
20-Apr-2007
STD25NF10LT4 STMICROELECTRONICS-STD25NF10LT4 Datasheet
432Kb / 13P
N-channel 100V - 0.030Ohm - 25A - DPAK Low gate charge STripFET II Power MOSFET
03-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com