Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP3406 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3406
Description  1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3406 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3406 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3406 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief
1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3406
Jun. 2008
BCD Semiconductor Manufacturing Limited
1
Description
The AP3406 is a 1.1MHz fixed frequency, current
mode,
PWM
synchronous
buck
(step-down)
DC-DC converter, capable of driving a 650mA
load with high efficiency, excellent line and load
regulation. The device integrates a main switch
and a synchronous switch without an external
Schottky diode. It is ideal for powering portable
equipment that runs from a single Li-ion battery.
A standard series of inductors are available from
several different manufacturers optimized for use
with the AP3406. This feature greatly simplifies
the design of switch-mode power supplies.
This IC is available in TSOT-23-5 and SOT-23-5
packages.
Features
High Efficiency: up to 95%
Output Current: 650mA
Input Voltage Range: 2.5V to 5.5V
Fixed 1.1MHz Frequency
Current Mode Control
100% Duty Cycle in Dropout
Built-in Short Circuit Protection
Built-in Thermal Shutdown Function
Built-in Current Limit Function
Shutdown Current: <1
µA
Applications
GPS
WiFi Card
Portable Media Player
Digital Still and Video Cameras
Parametric Table
Input Voltage Range (V)
2.5 to 5.5
Maximum Output Current
(Min) (mA)
650
Feedback Voltage (V)
0.6
Oscillator Frequency (MHz)
1.1
VIN=4.2V, VOUT=3.3V
95
Efficiency
@200mA
(%)
VIN=3.6V, VOUT=1.8V
92
Benefits
High Efficiency
High Output Current
Easy to Use
Additional Available Materials
Samples
Preliminary Datasheet
Demo Board
Demo Board Manual
Application Note
ESD Report


Similar Part No. - AP3406

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3406 BCDSEMI-AP3406 Datasheet
638Kb / 12P
1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Anachip Corp
AP34063 ANACHIP-AP34063 Datasheet
202Kb / 10P
Universal DC/DC Converter
Rev.A5 Feb.10, 2004
logo
List of Unclassifed Man...
AP34063 ETC1-AP34063 Datasheet
172Kb / 10P
Universal DC/DC Converter
logo
Diodes Incorporated
AP34063 DIODES-AP34063 Datasheet
207Kb / 11P
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 2
AP34063 DIODES-AP34063 Datasheet
220Kb / 11P
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
More results

Similar Description - AP3406

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A Datasheet
680Kb / 12P
1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3406 BCDSEMI-AP3406_09 Datasheet
638Kb / 12P
1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3406A BCDSEMI-AP3406A_11 Datasheet
655Kb / 13P
1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3422 BCDSEMI-AP3422 Datasheet
496Kb / 11P
Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP3503 DIODES-AP3503 Datasheet
421Kb / 10P
SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP3513E DIODES-AP3513E Datasheet
575Kb / 11P
SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 4
AP6502 DIODES-AP6502_17 Datasheet
499Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 10
AP6502A DIODES-AP6502A Datasheet
432Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 4
logo
SHOUDING Shouding Semic...
SD8904 SHOUDING-SD8904 Datasheet
1Mb / 12P
Synchronous Buck DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com