Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2560 Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # 2560
Description  Crystal Clock Oscillator High Frequency-supporting Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

2560 Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  2560 Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Clock Oscillator
2560 Series
cc37_071025_2560NK_e1
High Frequency-supporting Type
2560NK
l For notebook PC, mobile information terminal, and PC card
Output level
Frequency range
Operating temperature range
Frequency stability
Power supply voltage
Consumption current (+3.3V,25℃) max
VOL max/VOH min
Tr max/Tf max
Duty Cycle min. to max.
Load (CL) max
Oscillation start time max
Number for specifying an order
(MHz)
(℃)
(×10–6)
(V)
(mA)
(V)
(ns)
(%)
(pF)
Item
Model
2560NK
C-MOS
1.8 ≤ F ≤ 25
25 < F ≤ 50
50 < F ≤ 67
67 < F ≤ 80
–10 to +70
±100
+5.0±0.5
25
40
60
73
0.1VDD/0.9VDD
IOL=16mA
IOH=–16mA
5/5
45 to 55
50
Available (tristate)
NSA3285A
mm
7.5max
#4
#3
#1
#2
5.08
#4
#3
#1
#2
1.4
10–R0.3
5.08
(*)
Cby = 0.01μF
1.8
Reference land pattern
0.9VDD
1/2VDD
0.1VDD
Tr
Tf
VOH
VOL
t
T
0V
Duty Cycle = t/T×100 [%]
Pb
Free
PAD
Connection
#1
#2
#3
#4
Standby
GND
OUTPUT
VDD
When ordering our products, specify them with an “Ordering Code” that consists of the following:
–M
Model name
Frequency (up to 9 digits)
– Number for specifying an order
If you have any queries concerning our standard frequencies and numbers for specifying orders, please contact our sales representatives or visit our homepage (http://www.ndk.com/).
Example 1: When ordering a product with model name: 2560NK, frequency: 80 MHz,
frequency stability: ±100 x 10–6, and power supply voltage: 5.0 V
Ordering Code: 2560NK – 80.000000M – NSA3285A
n How to Specify an Order
n Specifications
n Dimensions
n Output Waveform <C-MOS>
n Model name
n Application
n Features
Absolute maximum rating
Power supply voltage (VDD) -0.5 to +7.0V DC
Storage temperature range -55 to +125°C
l This surface-mount crystal clock oscillator is ultra-compact, light, and
leadless. Ideal for high-density mounting.
l Supports a frequency range of 1.8 to 80 MHz.
l Automatic mounting by taping and IR reflow (lead-free) are possible.
l Lead-free.
#1 Input
#3 Input
Level H (+2.2 V min.)
or OPEN is selected.
Level L (+0.8 V max.) is selected.
Oscillation output ON
High impedance
n Standby Function


Similar Part No. - 2560

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
2560 BK-2560 Datasheet
3Mb / 7P
Digital Storage and Mixed Signal Oscilloscopes
logo
Molex Electronics Ltd.
2560-1 MOLEX1-2560-1 Datasheet
72Kb / 2P
156 KK짰 Polarizing Key
logo
Nova Electric. All Righ...
2560-120 NOVA-2560-120 Datasheet
292Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
logo
Littelfuse
256001 LITTELFUSE-256001 Datasheet
473Kb / 1P
PICO II Fast-Acting Type
256001. LITTELFUSE-256001. Datasheet
473Kb / 1P
PICO II Fast-Acting Type
More results

Similar Description - 2560

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG-636 ETC1-SG-636 Datasheet
68Kb / 2P
HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Epson Company
SG-710 EPSON-SG-710 Datasheet
124Kb / 2P
HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Epson ToYoCom
SG-615PCV EPSONTOYOCOM-SG-615PCV Datasheet
980Kb / 2P
SMD TYPE HIGH FREQUENCY CRYSTAL OSCILLATOR
logo
NIHON DEMPA KOGYO
2725T NDK-2725T Datasheet
89Kb / 1P
High Frequency-supporting Type
2725Q NDK-2725Q Datasheet
88Kb / 1P
Crystal Clock Oscillator Power-saving Type
2725Z NDK-2725Z Datasheet
89Kb / 1P
Crystal Clock Oscillator Power-saving Type
2775Y NDK-2775Y Datasheet
90Kb / 1P
Crystal Clock Oscillator Programmable Type
logo
Connor-Winfield Corpora...
P234-155.52 CONNOR-WINFIELD-P234-155.52 Datasheet
153Kb / 2P
High Frequency Clock Oscillator
logo
TEMEX
RS1490HF TEMEX-RS1490HF Datasheet
667Kb / 10P
High Performance High Frequency Fundamental Crystal Clock Oscillator
logo
NIHON DEMPA KOGYO
2725T_18_03 NDK-2725T_18_03_27 Datasheet
876Kb / 1P
High Frequency-supporting Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com