Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TS3
Description  Thermal Sensors MOXIE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TS3 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS3 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS3 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS3 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS3 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CONSTRUCTION
Moxies are a family of variable resistance thermal sensors having a
highly specific “transition region”. Within this transition region the devices
typically exhibit a negative temperature coefficient ranging from 40 % per
°C to 300 % per °C. Below the transition region they exhibit a linear
“thermistor” characteristic of –2 to –4%/ °C.
Moxies are available in a TO – 18 transistor package (code TS 3) with two
lead-wires, or as individual, trimmed clips.
The Moxie is a solid state component produced by thin film technology.
A sapphire die is mounted on a gold plated header and connected to the
therminals by gold-wire bonding.
APPLICATIONS
Sensors for temperature protection, control and limiting.
Voltage, current and frequency limiters in electronics.
Examples:
Overtemperature protector for power semi-conductors, such as transi-
stors, power output stages, amplifiers.
Temperature control of electronic appliances and electric equipment.
Temperature sensor for signalling systems and fire detectors .
Control of componentry in industrial and entertainment electronics.
Protection of electronic circuits, such as computers or battery chargers.
DIMENSIONS
Thermal Sensors MOXIE ® (NTC)
FEATURES
– high sensitivity
– quick reaction
– hysteresis approx. 3–6 °C
– excellent reliablility
– long service life
– no selecting, no adjusting
– no corrosion of contact surface
as semi-conductor
– no +/– polarity
– can be used as logical control element
– isolated casing
– easy installation
– can be delivered in chip form
TS3
TS3 B3
TS3 C3
TS3
TS3
8415 Mountain Sights Avenue • Montreal (Quebec), H4P 2B8, Canada
C A NTHE RM
Tel: (514) 739-3274 • 1-800-561-7207 • Fax: (514) 739-290
E-mail : sales@cantherm.com • Website: www.cantherm.com


Similar Part No. - TS3

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
TS3 STATEK-TS3 Datasheet
196Kb / 2P
Miniature Quartz Temperature Sensor
logo
Vishay Siliconix
TS3 VISHAY-TS3 Datasheet
120Kb / 4P
3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
31-Jan-17
TS3 VISHAY-TS3 Datasheet
114Kb / 4P
3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
02-Mar-18
logo
List of Unclassifed Man...
TS3-0155-32S-P1 ETC2-TS3-0155-32S-P1 Datasheet
440Kb / 10P
1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V
TS3-0155-32S-P1-E ETC2-TS3-0155-32S-P1-E Datasheet
440Kb / 10P
1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V
More results

Similar Description - TS3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDT101 ETC-SDT101 Datasheet
327Kb / 2P
THERMAL SENSORS
LA73 ETC2-LA73 Datasheet
196Kb / 2P
THERMAL SENSORS
logo
KOA Speer Electronics, ...
ST3000 KOA-ST3000 Datasheet
115Kb / 4P
thermal sensors
SDT73H2B KOA-SDT73H2B Datasheet
87Kb / 2P
platinumthin film thermal chip sensors
SDT101AX KOA-SDT101AX Datasheet
92Kb / 2P
platinumthin film thermal sensors
SDT310LT KOA-SDT310LT Datasheet
95Kb / 3P
small type platinumthin film thermal sensors
SDT73H2BTTE100F385 KOA-SDT73H2BTTE100F385 Datasheet
236Kb / 2P
platinum thin film thermal chip sensors
SDT101AXCT26A100DF KOA-SDT101AXCT26A100DF Datasheet
243Kb / 2P
platinum thin film thermal sensors
logo
Kemet Corporation
TXS KEMET-TXS Datasheet
189Kb / 1P
Thermal Sensors Overheat Protection
8/19/2019
OHD KEMET-OHD Datasheet
576Kb / 12P
Thermal Sensors
11/2/2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com