Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STD4NB40 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD4NB40
Description  N-CHANNEL 400V - 1.47ohm - 4A DPAK/IPAK PowerMESH™ MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD4NB40 Datasheet(HTML) 3 Page - STMicroelectronics

  STD4NB40 Datasheet HTML 1Page - STMicroelectronics STD4NB40 Datasheet HTML 2Page - STMicroelectronics STD4NB40 Datasheet HTML 3Page - STMicroelectronics STD4NB40 Datasheet HTML 4Page - STMicroelectronics STD4NB40 Datasheet HTML 5Page - STMicroelectronics STD4NB40 Datasheet HTML 6Page - STMicroelectronics STD4NB40 Datasheet HTML 7Page - STMicroelectronics STD4NB40 Datasheet HTML 8Page - STMicroelectronics STD4NB40 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
STD4NB40/STD4NB40-1
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD = 200 V, ID = 2.5 A
RG = 4.7Ω VGS = 10 V
(see test circuit, Figure 3)
11
ns
tr
Rise Time
8
ns
Qg
Total Gate Charge
VDD = 320V, ID = 5 A,
VGS = 10V
14.5
20
nC
Qgs
Gate-Source Charge
7
nC
Qgd
Gate-Drain Charge
5.1
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
tf
tc
Off-Voltage Rise Time
Fall Time
Cross-over Time
VDD = 320V, ID = 5 A,
RG =4.7Ω, VGS = 10V
(see test circuit, Figure 3)
9
6
14
ns
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
4
A
ISDM (2)
Source-drain Current (pulsed)
16
A
VSD (1)
Forward On Voltage
ISD = 4 A, VGS = 0
1.6
V
trr
Reverse Recovery Time
ISD = 5 A, di/dt = 100A/µs
VDD = 100V, Tj = 150°C
(see test circuit, Figure 5)
300
ns
Qrr
Reverse Recovery Charge
1.6
µC
IRRM
Reverse Recovery Current
10.5
A
Thermal Impedance
Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com