Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE10 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 11Page - STMicroelectronics STE10 Datasheet HTML 12Page - STMicroelectronics STE10 Datasheet HTML 13Page - STMicroelectronics STE10 Datasheet HTML 14Page - STMicroelectronics STE10 Datasheet HTML 15Page - STMicroelectronics STE10 Datasheet HTML 16Page - STMicroelectronics STE10 Datasheet HTML 17Page - STMicroelectronics STE10 Datasheet HTML 18Page - STMicroelectronics STE10 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
15/66
STE10/100
5.2 PCI Control/Status registers
Table 5. PCI Control/Status registers list
offset from base
address of CSR
Index
Name
Descriptions
00h
CSR0
PAR
PCI access register
08h
CSR1
TDR
transmit demand register
10h
CSR2
RDR
receive demand register
18h
CSR3
RDB
receive descriptor base address
20h
CSR4
TDB
transmit descriptor base address
28h
CSR5
SR
status register
30h
CSR6
NAR
network access register
38h
CSR7
IER
interrupt enable register
40h
CSR8
LPC
lost packet counter
48h
CSR9
SPR
serial port register
50h
CSR10
---
Reserved
58h
CSR11
TMR
Timer
60h
CSR12
---
Reserved
68h
CSR13
WCSR
Wake-up Control/Status Register
70h
CSR14
WPDR
Wake-up Pattern Data Register
78h
CSR15
WTMR
watchdog timer
80h
CSR16
ACSR5
status register 2
84h
CSR17
ACSR7
interrupt enable register 2
88h
CSR18
CR
command register
8ch
CSR19
PCIC
PCI bus performance counter
90h
CSR20
PMCSR
Power Management Command and Status
94h
CSR21
---
Reserved
98h
CSR22
---
Reserved
9ch
CSR23
TXBR
transmit burst counter/time-out register
a0h
CSR24
FROM
flash(boot) ROM port
a4h
CSR25
PAR0
physical address register 0
a8h
CSR26
PAR1
physical address register 1
ach
CSR27
MAR0
multicast address hash table register 0
b0h
CSR28
MAR1
multicast address hash table register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com