Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STGD3NB60H Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGD3NB60H
Description  N-CHANNEL 3A - 600V TO-252 PowerMESH IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD3NB60H Datasheet(HTML) 1 Page - STMicroelectronics

  STGD3NB60H Datasheet HTML 1Page - STMicroelectronics STGD3NB60H Datasheet HTML 2Page - STMicroelectronics STGD3NB60H Datasheet HTML 3Page - STMicroelectronics STGD3NB60H Datasheet HTML 4Page - STMicroelectronics STGD3NB60H Datasheet HTML 5Page - STMicroelectronics STGD3NB60H Datasheet HTML 6Page - STMicroelectronics STGD3NB60H Datasheet HTML 7Page - STMicroelectronics STGD3NB60H Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STGD3NB60H
N-CHANNEL 3A - 600V TO-252
PowerMESH
™ IGBT
s
HIGH INPUT IMPEDANCE
(VOLTAGE DRIVEN)
s
LOW ON-VOLTAGE DROP (Vcesat)
s
LOW GATE CHARGE
s
HIGH CURRENT CAPABILITY
s
VERY HIGH FREQUENCY OPERATION
s
OFF LOSSES INCLUDE TAIL CURRENT
s
SURFACE-MOUNTING DPAK (TO-252)
POWER PACKAGE IN TAPE & REEL
(SUFFIX ”T4”)
DESCRIPTION
Using the latest high voltage technology based
on a patented strip layout, STMicroelectronics
has designed an advanced family of IGBTs, the
PowerMESH
™
IGBTs,
with
outstanding
perfomances. The suffix ”H” identifies a family
optimized to achieve very low switching times for
high frequency applications (<120kHz).
APPLICATIONS
s
HIGH FREQUENCY MOTOR CONTROLS
s
SMPS AND PFC IN BOTH HARD SWITCH
AND RESONANT TOPOLOGIES
®
INTERNAL SCHEMATIC DIAGRAM
June 1999
1
3
DPAK
TO-252
(Suffix ”T4”)
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Un it
VCES
Collector-Emitter Volt age (VGS = 0)
600
V
VECR
Emitter-Collector Volt age
20
V
VGE
G ate-Emitter Voltage
± 20
V
IC
Collector Current (continuous) at Tc =25
oC6
A
IC
Collector Current (continuous) at Tc = 100
oC3
A
ICM(
•)
Collector Current (pulsed)
24
A
Ptot
T otal Dissipation at Tc =25
oC35
W
Derating Fact or
0. 28
W /
o C
Tstg
Storage T emperature
-65 t o 150
o C
Tj
Max. Operating Junction Temperat ure
150
o C
(
•) Pulse width limited by safe operating area
TYPE
VCES
VCE(sat)
IC
STGD3NB60H
600 V
< 2.8 V
3 A
1/8


Similar Part No. - STGD3NB60H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD3NB60HD STMICROELECTRONICS-STGD3NB60HD Datasheet
504Kb / 10P
N-CHANNEL 6A - 600V - DPAK PowerMESH TM IGBT
Sep-2003
STGD3NB60HDT4 STMICROELECTRONICS-STGD3NB60HDT4 Datasheet
504Kb / 10P
N-CHANNEL 6A - 600V - DPAK PowerMESH TM IGBT
Sep-2003
More results

Similar Description - STGD3NB60H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD Datasheet
91Kb / 8P
N-CHANNEL 3A - 600V TO-263 PowerMESH IGBT
Jun-1999
STGP10NB60S STMICROELECTRONICS-STGP10NB60S Datasheet
85Kb / 8P
N-CHANNEL 10A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP3NB60H STMICROELECTRONICS-STGP3NB60H Datasheet
87Kb / 8P
N-CHANNEL 3A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP3NB60HD STMICROELECTRONICS-STGP3NB60HD Datasheet
104Kb / 9P
N-CHANNEL 3A - 600V TO-220/FP PowerMESH IGBT
Jun-1999
STGP3NB60S STMICROELECTRONICS-STGP3NB60S Datasheet
411Kb / 10P
N-CHANNEL 3A - 600V - TO-220 / DPAK PowerMESH™ IGBT
Aug-2002
STGW12NB60H STMICROELECTRONICS-STGW12NB60H Datasheet
86Kb / 8P
N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
Jul-1999
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH™ IGBT
Jun-2003
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
Sep-2003
STGD3NB60SD STMICROELECTRONICS-STGD3NB60SD_04 Datasheet
305Kb / 9P
N-CHANNEL 3A - 600V - DPAK PowerMESH TM IGBT
May-2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com