Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STGP3NB60 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGP3NB60
Description  N-CHANNEL 3A - 600V TO-220 PowerMESH IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP3NB60 Datasheet(HTML) 2 Page - STMicroelectronics

  STGP3NB60 Datasheet HTML 1Page - STMicroelectronics STGP3NB60 Datasheet HTML 2Page - STMicroelectronics STGP3NB60 Datasheet HTML 3Page - STMicroelectronics STGP3NB60 Datasheet HTML 4Page - STMicroelectronics STGP3NB60 Datasheet HTML 5Page - STMicroelectronics STGP3NB60 Datasheet HTML 6Page - STMicroelectronics STGP3NB60 Datasheet HTML 7Page - STMicroelectronics STGP3NB60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Rthc-sink
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
T yp
1.78
62. 5
0.5
oC/W
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tj =25
oC unless otherwise specified)
OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
VBR(CES)
Collector-Emitt er
Breakdown Voltage
IC =250
µAVGE = 0
600
V
ICES
Collector cut-of f
(VGE =0)
VCE =Max Rating
Tj =25
oC
VCE =Max Rating
Tj =125
oC
10
100
µA
µA
IGES
Gat e-Emitter Leakage
Current (VCE =0)
VGE =
± 20 V
VCE =0
± 100
nA
ON (
∗)
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
VGE(th)
Gat e Threshold
Voltage
VCE =VGE
IC = 250
µA3
5
V
VCE(SAT )
Collector-Emitt er
Sat uration Voltage
VGE =15 V
IC =3 A
VGE =15 V
IC =3 A
Tj =125
oC
2.4
1.9
2. 8
V
V
DYNAMIC
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
gfs
Forward
Transconductance
VCE =25 V
IC =3 A
1. 3
2.4
S
Cies
Coes
Cres
Input Capacitance
Out put Capacitance
Reverse Transfer
Capacitance
VCE = 25V
f = 1MHz
VGE = 0
160
23
4. 5
235
33
6.6
300
43
8. 6
pF
pF
pF
QG
QGE
QGC
Tot al G ate Charge
Gat e-Emitter Charge
Gat e-Collector Charge
VCE = 480 V
IC =3 A
VGE =15 V
21
6
7.6
27
nC
nC
nC
ICL
Lat ching Current
Vclamp =480 V
RG=10
Ω
Tj = 150
oC
12
A
SWITCHING ON
Symbo l
Parameter
Test Co nditi ons
Min .
T yp.
Max.
Uni t
td(on)
tr
Delay Time
Rise Time
VCC = 480 V
IC =3 A
VGE=15 V
RG =10
Ω
16
30
ns
ns
(di/dt)on
Eon(r)
Turn-on Current Slope
Turn-on Switching
Losses
VCC = 480 V
I C =3 A
RG =10
Ω
VGE =15 V
Tj = 125
oC
400
37
A/
µs
µJ
STGP3NB60H
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com