Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6375S Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6375S
Description  0.5A high-side driver industrial intelligent power switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6375S Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6375S Datasheet HTML 3Page - STMicroelectronics L6375S Datasheet HTML 4Page - STMicroelectronics L6375S Datasheet HTML 5Page - STMicroelectronics L6375S Datasheet HTML 6Page - STMicroelectronics L6375S Datasheet HTML 7Page - STMicroelectronics L6375S Datasheet HTML 8Page - STMicroelectronics L6375S Datasheet HTML 9Page - STMicroelectronics L6375S Datasheet HTML 10Page - STMicroelectronics L6375S Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
L6375S
Electrical specifications
7/17
Table 5.
Electrical characteristics (continued)
(VS = 24V; TJ = –25 to +125°C, unless otherwise specified)
Symbol
Parameter
Test condition
Min Typ Max
Unit
Vosd
Active output status driver drop
voltage
VS – VOS ; IOS = 2mA
TA = 0 to +85°C
1.5
3
V
Ioslk
Output status driver leakage
current
Vout < Voth2 ; Vos = 0V
VS = 18 to 35V
25
mA
Vdgl
Diagnostic drop voltage
D1 / D2 = L ; Idiag = 0.5mA
D1 / D2 = L ; Idiag = 3mA
40
250
mV
mV
Idglk
Diagnostic leakage current
D1 / D2 = H ; 0 < Vdg < Vs
VS = 15.6 to 35V
5
µA
Tmax
Over temperature upper
threshold
150
°C
Thys
Over temperature hysteresis
20
°C
AC operation (pin numbering referred to Minidip package)
tr -tr
Rise or fall time
Vs = 24V; Rl =70Ω Rl to ground
20
µs
t
d
Delay time
Vs = 24V; Rl =70Ω Rl to ground
5
µs
dV/dt
Slew rate (rise and fall edge)
7
1
15
V/
µs
tON
On time during short circuit
condition
50pF < CDON< 2nF
1.28
µs/pF
tOFF
Off time during short circuit
condition
64
tON
fmax
Maximum operating frequency
25
KHz
Source drain NDMOS diode
Vf
Forward on voltage
@ Ifsd = 625mA
1
1.5
V
IfD
Forward peak voltage
t = 10ms; d = 20%
2
A
trr
Reverse recovery time
If= 625mA di/dt = 25A/ms
200
ns
tfr
Forward recovery time
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com