Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6374 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6374
Description  Industrial quad line driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6374 Datasheet(HTML) 1 Page - STMicroelectronics

  L6374 Datasheet HTML 1Page - STMicroelectronics L6374 Datasheet HTML 2Page - STMicroelectronics L6374 Datasheet HTML 3Page - STMicroelectronics L6374 Datasheet HTML 4Page - STMicroelectronics L6374 Datasheet HTML 5Page - STMicroelectronics L6374 Datasheet HTML 6Page - STMicroelectronics L6374 Datasheet HTML 7Page - STMicroelectronics L6374 Datasheet HTML 8Page - STMicroelectronics L6374 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
March 2008
Rev 3
1/19
19
L6374
Industrial quad line driver
Features
Four independent line drivers with 100 mA up
to 35 V outputs
Input signals between - 7 V and + 35 V, with
pre-setting threshold
Push-pull outputs with three state control and
true zero current between Vs and ground
Current limiting on each output effective in the
full "ground to Vs" output voltage range
Output voltage clamp to Vs and to ground
Overtemperature and undervoltage protections
Diagnostic for overtemperature, undervoltage
and overcurrent
Pre-setting delay for overcurrent diagnostic
High speed operation: up to 300 kHz with 35 V
swing
Description
The L6374 is especially designed to be used as a
line driver in industrial control systems based on
the 24 V signal levels (
IEC 61131, 24VDC).
Table 1.
Device summary
Order codes
Package
Packaging
L6374FP
SO-20
Tube
L6374FPT
SO-20
Tape and reel
SO-20
Figure 1.
Block diagram
www.st.com


Similar Part No. - L6374

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6374 STMICROELECTRONICS-L6374 Datasheet
179Kb / 13P
INDUSTRIAL QUAD LINE DRIVER
Dec-1994
L6374DP STMICROELECTRONICS-L6374DP Datasheet
179Kb / 13P
INDUSTRIAL QUAD LINE DRIVER
Dec-1994
L6374FP STMICROELECTRONICS-L6374FP Datasheet
179Kb / 13P
INDUSTRIAL QUAD LINE DRIVER
Dec-1994
More results

Similar Description - L6374

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1488 NSC-DS1488 Datasheet
161Kb / 6P
Quad Line Driver
DS14C88 NSC-DS14C88 Datasheet
87Kb / 6P
QUAD CMOS Line Driver
logo
STMicroelectronics
L6374 STMICROELECTRONICS-L6374 Datasheet
179Kb / 13P
INDUSTRIAL QUAD LINE DRIVER
Dec-1994
MC1488 STMICROELECTRONICS-MC1488 Datasheet
323Kb / 12P
RS232C QUAD LINE DRIVER
Aug-2003
TDA7237 STMICROELECTRONICS-TDA7237 Datasheet
78Kb / 5P
QUAD DIFFERENTIAL LINE DRIVER
Nov-1995
logo
Maxim Integrated Produc...
MAX9124 MAXIM-MAX9124 Datasheet
196Kb / 9P
Quad LVDS Line Driver
Rev 0; 4/01
logo
National Semiconductor ...
DS14C88T NSC-DS14C88T Datasheet
143Kb / 6P
QUAD CMOS Line Driver
logo
IC-Haus GmbH
ET7272 ICHAUS-ET7272 Datasheet
52Kb / 3P
QUAD DIFFERENTIAL LINE DRIVER
IC-HD7 ICHAUS-IC-HD7 Datasheet
253Kb / 8P
QUAD DIFFERENTIAL LINE DRIVER
logo
ARTSCHIP ELECTRONICS CO...
MC1488 ARTSCHIP-MC1488 Datasheet
377Kb / 7P
Quad Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com