Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6376D Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6376D
Description  0.5 A high-side driver quad intelligent power switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6376D Datasheet(HTML) 3 Page - STMicroelectronics

  L6376D Datasheet HTML 1Page - STMicroelectronics L6376D Datasheet HTML 2Page - STMicroelectronics L6376D Datasheet HTML 3Page - STMicroelectronics L6376D Datasheet HTML 4Page - STMicroelectronics L6376D Datasheet HTML 5Page - STMicroelectronics L6376D Datasheet HTML 6Page - STMicroelectronics L6376D Datasheet HTML 7Page - STMicroelectronics L6376D Datasheet HTML 8Page - STMicroelectronics L6376D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
L6376
Maximum rating
3/18
1
Maximum rating
Table 2.
Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
Vs
6
Supply voltage (tw ≤ 10 ms)
50
V
Supply voltage (DC)
40
V
Vs - Vout
Difference between supply voltage and output
voltage
internally limited
Vid
16, 17
Externally forced voltage
-0.3 to 7
V
Iid
Externally forced current
±1
mA
Ii
12, 13,
14, 15,
18
Channel input current (forced)
±2
mA
Vi
Channel input voltage
-0.3 to 40
V
Iout
2, 3, 8,
9
Output current (see also Isc)
internally limited
Vout
Output voltage
internally limited
Eil
Energy inductive load (TJ =125 °C);
each channel
200
mJ
Ptot
Power dissipation
internally limited
Vdiag
19
External voltage
-0.3 to Vs+0.7
V
Idiag
Externally forced current
-10 to 10
mA
Top
Ambient temperature, operating range
-25 to 85
°C
TJ
Junction temperature, operating range (see
overtemperature protection)
-25 to 125
°C
Tstg
Storage temperature
-55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com