Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6376 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6376
Description  0.5 A high-side driver quad intelligent power switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6376 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6376 Datasheet HTML 3Page - STMicroelectronics L6376 Datasheet HTML 4Page - STMicroelectronics L6376 Datasheet HTML 5Page - STMicroelectronics L6376 Datasheet HTML 6Page - STMicroelectronics L6376 Datasheet HTML 7Page - STMicroelectronics L6376 Datasheet HTML 8Page - STMicroelectronics L6376 Datasheet HTML 9Page - STMicroelectronics L6376 Datasheet HTML 10Page - STMicroelectronics L6376 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
L6376
Electrical characteristics
7/18
4
Electrical characteristics
Table 5.
Electrical characteristcs
(Vs = 24 V; TJ = -25 to 125 °C; unless otherwise specified.)
Symbol
Pin#
Parameter
Test condition
Min
Typ
Max
Unit
DC operation
Vs
6
Supply voltage
9.5
24
35
V
Vsth
UV upperthreshold
8.5
9
9.5
V
Vshys
UV hysteresis
200
500
800
mV
Iqsc
Quiescent current
Outputs ON, no load
3
5
mA
Vil
12,13,
14,15,
18
Input low level
0
0.8
V
Vih
Input high level
2
40
V
Ibias
Input bias current
Vi = 0 V
-5
-1
0
µA
Vi = 40 V
0
5
20
µA
Vihys
Input comparators
hysteresis
100
200
400
mV
Θlim
OVT upper threshold
150
°C
ΘH
Threshold hysteresis
20
30
°C
Isc
2, 3, 8,
9
Short circuit current
Vs = 9.5 to 35 V;
Rl = 2 Ω
0.65
0.9
1.2
A
Output voltage drop
Iout = 500 mA;
TJ = 25 °C
320
500
mV
Iout = 500 mA;
TJ = 125 °C
460
640
mV
Iolk
Output leakage current
Vo = 0 V; Vi < 0.8 V
100
µA
Vcl
Internal voltage clamp
(Vs-Vo each output)
Io = 100 mA
single pulsed
Tp = 300 µs
47
52
57
V
Vol
Low state output voltage
Vi = Vil; RL = ∞
0.8
1.5
V
Idlkg
19
Diagnostic output leakage Diagnostic off
25
µA
Vdiag
Diagnostic output voltage
drop
Idiag = 5 mA
1.5
V
Idch
16, 17
Delay capacitors charge
current
40
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com