Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6392D Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6392D
Description  High-voltage high and low side driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6392D Datasheet(HTML) 3 Page - STMicroelectronics

  L6392D Datasheet HTML 1Page - STMicroelectronics L6392D Datasheet HTML 2Page - STMicroelectronics L6392D Datasheet HTML 3Page - STMicroelectronics L6392D Datasheet HTML 4Page - STMicroelectronics L6392D Datasheet HTML 5Page - STMicroelectronics L6392D Datasheet HTML 6Page - STMicroelectronics L6392D Datasheet HTML 7Page - STMicroelectronics L6392D Datasheet HTML 8Page - STMicroelectronics L6392D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
L6392
Block diagram
3/19
1
Block diagram
Figure 1.
Block diagram
UV
DETECTION
LEVEL
SHIFTER
BOOTSTRAP DRIVER
S
VCC
LVG
DRIVER
VCC
HIN
LIN
HVG
DRIVER
HVG
OUT
LVG
BOOT
UV
DETECTION
OP+
OP-
GND
OPOUT
SD
DT
OPAMP
DEAD
TIME
R
LOGIC
SHOOT
THROUGH
PREVENTION
FLOATING STRUCTURE
+
-
VCC
3
2
13
14
7
5
6
1
4
12
8
10
9
from LVG
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com