Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6452 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6452
Description  Dual 13x16 Matrix Head Ink Jet Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6452 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6452 Datasheet HTML 3Page - STMicroelectronics L6452 Datasheet HTML 4Page - STMicroelectronics L6452 Datasheet HTML 5Page - STMicroelectronics L6452 Datasheet HTML 6Page - STMicroelectronics L6452 Datasheet HTML 7Page - STMicroelectronics L6452 Datasheet HTML 8Page - STMicroelectronics L6452 Datasheet HTML 9Page - STMicroelectronics L6452 Datasheet HTML 10Page - STMicroelectronics L6452 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
L6452
Pin description
7/22
81
ChSel
Channel Select:
A low level enables channel A and a high level enables channel B
82
S3
Decoder input signals when EnIC is low
83
UpC/S2
UpCount/S2:
A high level enables the internal counter to up counting. A low level
enables down counting depending on EnlC value it becomes S2.
84
ResC/S1
Reset Count/S1:
A low level resets the internal counter depending on EnlC value it
becomes S1.
85
EnCh
Enable Channel:
A low level enables the selected channel (this input has an internal
pull up resistor)
86
ClkC/S0
A high level clocks the internal counter depending on EnlC value it
becomes S0.
87
StepUpGND
Ground of step up block
88
StepUpBoost
Boost voltage
89
VstepUp
Driving voltage of power DMOS stage
91
VDD
5V logic supply
93
Rext
An external resistor connected to ground fixes the internal current
source value
94, 95
RxB, RxA
Current source outputs
96, 97
VxA, VxB
RxA, RxB voltage after an optional external filter
98
OnEnable
A low level enables the current source generator according the A/B
and ON/OFF control register bit
99
CRclock
Data on pin CRdata are stored into the register on the rising edge of
this pin
100
CRdata
Control register serial data input
Table 1.
Pin function - continued
Pin #
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com