Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M41T0 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M41T0
Description  Serial real-time clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T0 Datasheet(HTML) 5 Page - STMicroelectronics

  M41T0 Datasheet HTML 1Page - STMicroelectronics M41T0 Datasheet HTML 2Page - STMicroelectronics M41T0 Datasheet HTML 3Page - STMicroelectronics M41T0 Datasheet HTML 4Page - STMicroelectronics M41T0 Datasheet HTML 5Page - STMicroelectronics M41T0 Datasheet HTML 6Page - STMicroelectronics M41T0 Datasheet HTML 7Page - STMicroelectronics M41T0 Datasheet HTML 8Page - STMicroelectronics M41T0 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
M41T0
Description
5/22
1
Description
The M41T0 real-time clock is a low power serial real-time clock with a built-in 32.768 kHz
oscillator (external crystal controlled). Eight registers are used for the clock/calendar
function and are configured in binary coded decimal (BCD) format. Addresses and data are
transferred serially via a two-line bidirectional bus. The built-in address register is
incremented automatically after each WRITE or READ data byte.
The M41T0 is supplied in 8-lead plastic small outline package.
Figure 1.
Logic diagram
Figure 2.
SOIC connections
1.
NF pin must be tied to VSS.
Table 1.
Signal names
OSCI
Oscillator input
OCSO
Oscillator output
OUT
Output driver (open drain)
SDA
Serial data address input / output
SCL
Serial clock
NF(1)
1.
NF pin must be tied to VSS.
No function
VCC
Supply voltage
VSS
Ground
AI07028
OSCI
VCC
M41T0
VSS
SCL
OSCO
SDA
OUT
1
SDA
VSS
SCL
OUT
OSCO
OSCI
VCC
NF
(1)
AI07029
M41T0
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com