Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M41T00S Datasheet(PDF) 5 Page - STMicroelectronics

Part # M41T00S
Description  Serial access real-time clock
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00S Datasheet(HTML) 5 Page - STMicroelectronics

  M41T00S Datasheet HTML 1Page - STMicroelectronics M41T00S Datasheet HTML 2Page - STMicroelectronics M41T00S Datasheet HTML 3Page - STMicroelectronics M41T00S Datasheet HTML 4Page - STMicroelectronics M41T00S Datasheet HTML 5Page - STMicroelectronics M41T00S Datasheet HTML 6Page - STMicroelectronics M41T00S Datasheet HTML 7Page - STMicroelectronics M41T00S Datasheet HTML 8Page - STMicroelectronics M41T00S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
M41T00S
Description
5/26
1
Description
The M41T00S Serial Access TIMEKEEPER® SRAM is a low power serial RTC with a built-
in 32.768 kHz oscillator (external crystal controlled). Eight bytes of the SRAM (see Table 2
on page 13) are used for the clock/calendar function and are configured in binary coded
decimal (BCD) format. Addresses and data are transferred serially via a two line,
bidirectional I2C interface. The built-in address register is incremented automatically after
each WRITE or READ data byte.
The M41T00S has a built-in power sense circuit which detects power failures and
automatically switches to the battery supply when a power failure occurs. The energy
needed to sustain the clock operations can be supplied by a small lithium button supply
when a power failure occurs. The eight clock address locations contain the century, year,
month, date, day, hour, minute, and second in 24-hour BCD format. Corrections for 28, 29
(leap year - valid until year 2100), 30 and 31 day months are made automatically.
The M41T00S is supplied in an 8-pin SOIC.
Figure 1.
Logic diagram
Table 1.
Signal names
XI
Oscillator input
XO
Oscillator output
FT/OUT
Frequency test / output driver (open drain)
SDA
Serial data input/output
SCL
Serial clock input
VBAT
Battery supply voltage
VCC
Supply voltage
VSS
Ground
SCL
VCC
M41T00S
VSS
SDA
FT/OUT
VBAT
XI
XO
AI09165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com