Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST202B Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST202B
Description  5 V powered multi-channel RS-232 drivers and receivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST202B Datasheet(HTML) 1 Page - STMicroelectronics

  ST202B_08 Datasheet HTML 1Page - STMicroelectronics ST202B_08 Datasheet HTML 2Page - STMicroelectronics ST202B_08 Datasheet HTML 3Page - STMicroelectronics ST202B_08 Datasheet HTML 4Page - STMicroelectronics ST202B_08 Datasheet HTML 5Page - STMicroelectronics ST202B_08 Datasheet HTML 6Page - STMicroelectronics ST202B_08 Datasheet HTML 7Page - STMicroelectronics ST202B_08 Datasheet HTML 8Page - STMicroelectronics ST202B_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
February 2008
Rev 8
1/17
17
ST202B
ST202C
5 V powered multi-channel RS-232 drivers and receivers
Features
Supply voltage range: 4.5 to 5.5 V
Supply current no load (typ.): 1.5 mA
Transmitter output voltage swing (Typ): ± 9 V
Transition slew rate (typ.): 12 V/ms
Receiver propagation delay (typ.): 0.1 ms
Compatible with MAX202
Receiver input voltage range: ± 30 V
Data rate (typ.): 400 kbps/s
Operating temperature range:
-40 to 85 °C, 0 to 70 °C
Description
The ST202 is a 2 driver, 2 receiver device
following EIA/TIA-232 and V.28 communication
standard. It is particularly suitable for applications
where ± 12 V is not available. The ST202 uses a
single 5 V power supply and only four external
capacitors (0.1 µF). Typical application are in:
portable computers, low power modems,
interfaces translation, battery powered RS-232
networks.
SOP Large
TSSOP
SOP
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
ST202BD
-40 to 85 °C
SO-16 (tube)
50 parts per tube / 20 tube per box
ST202CDR
0 to 70 °C
SO-16 (tape and reel)
2500 parts per reel
ST202BDR
-40 to 85 °C
SO-16 (tape and reel)
2500 parts per reel
ST202CWR
0 to 70 °C
SO-16 Large (tape and reel)
1000 parts per reel
ST202CTR
0 to 70 °C
TSSOP16 (tape and reel)
2500 parts per reel
ST202BTR
-40 to 85 °C
TSSOP16 (tape and reel)
2500 parts per reel
www.st.com


Similar Part No. - ST202B_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST202BD STMICROELECTRONICS-ST202BD Datasheet
527Kb / 18P
5V Powered multi-channel RS-232 drivers and receivers
09-Mar-2006
ST202BD STMICROELECTRONICS-ST202BD Datasheet
303Kb / 18P
5V Powered multi-channel RS-232 drivers and receivers
16-Jul-2007
ST202BDR STMICROELECTRONICS-ST202BDR Datasheet
527Kb / 18P
5V Powered multi-channel RS-232 drivers and receivers
09-Mar-2006
ST202BDR STMICROELECTRONICS-ST202BDR Datasheet
303Kb / 18P
5V Powered multi-channel RS-232 drivers and receivers
16-Jul-2007
ST202BN STMICROELECTRONICS-ST202BN Datasheet
527Kb / 18P
5V Powered multi-channel RS-232 drivers and receivers
09-Mar-2006
More results

Similar Description - ST202B_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST232 STMICROELECTRONICS-ST232 Datasheet
93Kb / 11P
5V POWERED MULTI-CHANNEL RS-232 DRIVERS AND RECEIVERS
Feb-2001
logo
Guangdong Youtai Semico...
MAX232ACSE UMW-MAX232ACSE Datasheet
1Mb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
MAX232CSE UMW-MAX232CSE Datasheet
1Mb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
MAX232D UMW-MAX232D Datasheet
1Mb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
MAX232DR UMW-MAX232DR Datasheet
1Mb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
MAX232ESE UMW-MAX232ESE Datasheet
943Kb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
MAX232IDR UMW-MAX232IDR Datasheet
929Kb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
SP232E UMW-SP232E Datasheet
961Kb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
ST232 UMW-ST232 Datasheet
959Kb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
ADM232AARNZ UMW-ADM232AARNZ Datasheet
960Kb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com