Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STTH310-C2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTH310-C2
Description  High voltage ultrafast rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH310-C2 Datasheet(HTML) 6 Page - STMicroelectronics

  STTH310-C2 Datasheet HTML 1Page - STMicroelectronics STTH310-C2 Datasheet HTML 2Page - STMicroelectronics STTH310-C2 Datasheet HTML 3Page - STMicroelectronics STTH310-C2 Datasheet HTML 4Page - STMicroelectronics STTH310-C2 Datasheet HTML 5Page - STMicroelectronics STTH310-C2 Datasheet HTML 6Page - STMicroelectronics STTH310-C2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
STTH310
6/7
3
Ordering information
4
Revision history
Part Number
Marking
Package
Weight
Base qty
Delivery mode
STTH310S
S10
SMC
0.245 g
2500
Tape & reel
STTH310
STTH310
DO-201AD
1.16 g
600
Ammopack
STTH310RL
STTH310
DO-201AD
1.16 g
1900
Tape & reel
STTH310-C2
STTH 310
DO-201AD C2
1.12 g
500
Box
Date
Revision
Description of Changes
Jan-2003
1
First release.
03-Apr-2007
2
DO-201AD C2 package added. SMC Package
information updated.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com