Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS514A Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS514A
Description  Precision Quad Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS514A Datasheet(HTML) 5 Page - STMicroelectronics

  TS514A Datasheet HTML 1Page - STMicroelectronics TS514A Datasheet HTML 2Page - STMicroelectronics TS514A Datasheet HTML 3Page - STMicroelectronics TS514A Datasheet HTML 4Page - STMicroelectronics TS514A Datasheet HTML 5Page - STMicroelectronics TS514A Datasheet HTML 6Page - STMicroelectronics TS514A Datasheet HTML 7Page - STMicroelectronics TS514A Datasheet HTML 8Page - STMicroelectronics TS514A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TS514 / TS514A
Macromodels
5/10
4
Macromodels
4.1
Important note concerning this macromodel
Please consider following remarks before using this macromodel.
●
All models are a trade-off between accuracy and complexity (i.e. simulation time).
●
Macromodels are not a substitute to breadboarding; rather, they confirm the validity of a
design approach and help to select surrounding component values.
●
A macromodel emulates the NOMINAL performance of a TYPICAL device within
SPECIFIED OPERATING CONDITIONS (i.e. temperature, supply voltage, etc.). Thus the
macromodel is often not as exhaustive as the datasheet, its goal is to illustrate the main
parameters of the product.
●
Data issued from macromodels used outside of its specified conditions (Vcc,
Temperature, etc.) or even worse: outside of the device operating conditions (Vcc, Vicm,
etc.) are not reliable in any way.
In
Section 4.2, the electrical characteristics resulting from the use of this macromodel are
presented.
4.2
Electrical characteristics from macromodelization
Table 4.
Electrical characteristics resulting from macromodel simulation at Vcc = ±15V,
Tamb = 25°C (unless otherwise specified)
Symbol
Conditions
Value
Unit
Vio
0mV
Avd
RL = 2kΩ
94
V/mV
Icc
No load, per operator
325
µA
Vicm
-13.5 to 13.5
V
VOH
RL = 2kΩ
+13
V
VOL
RL = 2kΩ
-13
V
Isink
Vo = 0V
24
mA
Isource
Vo = 0V
24
mA
GBP
RL = 2kΩ, CL = 100pF
3MHz
SR
RL = 2kΩ, CL = 100pF
1.4
V/
µs
∅m
RL = 2kΩ, CL = 100pF
55
Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com