Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLC1511 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLC1511
Description  NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1511 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLC1511 Datasheet HTML 13Page - STMicroelectronics STLC1511 Datasheet HTML 14Page - STMicroelectronics STLC1511 Datasheet HTML 15Page - STMicroelectronics STLC1511 Datasheet HTML 16Page - STMicroelectronics STLC1511 Datasheet HTML 17Page - STMicroelectronics STLC1511 Datasheet HTML 18Page - STMicroelectronics STLC1511 Datasheet HTML 19Page - STMicroelectronics STLC1511 Datasheet HTML 20Page - STMicroelectronics STLC1511 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
17/31
STLC1511
Figure 7. Typical CPE Oscillator Configuration
Figure 8. CPE Frequency vs. Tuning Voltage
AF E
2.5 v
I
OSC NE
O SCNB
OSC P B
OSC P E
I
Ce
Ce
C
π
C
π
VCAP
osc_outp
osc_ ou tn
CPE
AS IC
DIG ITAL
∆Σ
Clo ck
R ecovery
5v
Curre nt
Ou tp ut
Cv
Lm
Cm
Rm
Co
C m = 15fF
C
ο=3.5pF
Rm = 1 5
C rysta l M odel
C e= 180pF
C
π=82pF
C v = 20pF
Rb =4 k
Rx =1 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com