Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSH93 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSH93
Description  High-speed low power triple operational amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH93 Datasheet(HTML) 5 Page - STMicroelectronics

  TSH93 Datasheet HTML 1Page - STMicroelectronics TSH93 Datasheet HTML 2Page - STMicroelectronics TSH93 Datasheet HTML 3Page - STMicroelectronics TSH93 Datasheet HTML 4Page - STMicroelectronics TSH93 Datasheet HTML 5Page - STMicroelectronics TSH93 Datasheet HTML 6Page - STMicroelectronics TSH93 Datasheet HTML 7Page - STMicroelectronics TSH93 Datasheet HTML 8Page - STMicroelectronics TSH93 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TSH93
Electrical characteristics
5/13
ΔG
Differential gain f = 3.58MHz, AVCL = +2, RL = 150Ω
0.03
%
Δϕ
Differential phase f = 3.58MHz, AVCL = +2, RL = 150Ω
0.07
Degrees
Table 3.
VCC
+ = 5V, V
CC
- = -5V, T
amb = 25°C (unless otherwise specified) (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Table 4.
VCC
+ = ±15V, T
amb = 25°C (unless otherwise specified)
Symbol
Conditions
Value
Unit
Vio
0mV
Avd
RL = 600Ω
3.2
V/mV
ICC
No load / ampli
5.2
mA
Vicm
-3 to 4
V
VOH
RL = 600Ω
+3.6
V
VOL
RL = 600Ω
-3.6
V
Isink
Vo = 0V
40
mA
Isource
Vo = 0V
40
mA
GBP
RL = 600Ω, CL = 15pF
147
MHz
SR
RL = 600Ω, CL = 15pF
110
V/
μs
φmRL = 600Ω, CL = 15pF
42
Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com