Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74ALVCH32245LBR Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74ALVCH32245LBR
Description  LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ALVCH32245LBR Datasheet(HTML) 4 Page - STMicroelectronics

  74ALVCH32245LBR Datasheet HTML 1Page - STMicroelectronics 74ALVCH32245LBR Datasheet HTML 2Page - STMicroelectronics 74ALVCH32245LBR Datasheet HTML 3Page - STMicroelectronics 74ALVCH32245LBR Datasheet HTML 4Page - STMicroelectronics 74ALVCH32245LBR Datasheet HTML 5Page - STMicroelectronics 74ALVCH32245LBR Datasheet HTML 6Page - STMicroelectronics 74ALVCH32245LBR Datasheet HTML 7Page - STMicroelectronics 74ALVCH32245LBR Datasheet HTML 8Page - STMicroelectronics 74ALVCH32245LBR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74ALVCH32245
4/9
DC SPECIFICATIONS
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
-40 to 85 °C
Min.
Max.
VIH
High Level Input Voltage
1.65 to 1.95
0.65VCC
V
2.3 to 2.7
1.7
2.7 to 3.6
2.0
VIL
Low Level Input Voltage
1.65 to 1.95
0.35VCC
V
2.3 to 2.7
0.7
2.7 to 3.6
0.8
VOH
High Level Output Voltage
1.65 to 3.6
IO=-100 µAVCC-0.2
V
1.65
IO=-4 mA
1.2
2.3
IO=-8 mA
1.7
2.7
IO=-12 mA
2.2
3.0
IO=-12 mA
2.4
3.0
IO=-24 mA
2.2
VOL
Low Level Output Voltage
1.65 to 3.6
IO=100 µA
0.2
V
1.65
IO=4 mA
0.45
2.3
IO=8 mA
0.7
2.7
IO=12 mA
0.4
3.0
IO=12 mA
0.4
3.0
IO=24 mA
0.55
II
Input Leakage Current
3.6
VI = VCC or GND
± 5
µA
II(HOLD)
Input Hold Current
1.65
VI = 0.58V
25
µA
1.65
VI = 1.07V
-25
2.3
VI = 0.7V
45
2.3
VI = 1.7V
-45
3
VI = 0.8V
75
3
VI = 2V
-75
3.6
VI = 0 to 3.6V
± 500
IOZ
High Impedance Output
Leakage Current
3.6
VO = VCC or GND
± 10
µA
Ioff
Power Off Leakage Current
0
VI or VO = 0 to 3.6V
20
µA
ICC
Quiescent Supply Current
3.6
VI = VCC or GND, IO = 0
40
µA
∆I
CC
ICC incr. per Input
3.0 to 3.6
VIH = VCC-0.6V
other VI= VCC or GND
750
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com