Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE1601 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STMPE1601 Datasheet HTML 6Page - STMicroelectronics STMPE1601 Datasheet HTML 7Page - STMicroelectronics STMPE1601 Datasheet HTML 8Page - STMicroelectronics STMPE1601 Datasheet HTML 9Page - STMicroelectronics STMPE1601 Datasheet HTML 10Page - STMicroelectronics STMPE1601 Datasheet HTML 11Page - STMicroelectronics STMPE1601 Datasheet HTML 12Page - STMicroelectronics STMPE1601 Datasheet HTML 13Page - STMicroelectronics STMPE1601 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
Electrical specification
STMPE1601
10/61
4.2
Input/Output DC electrical characteristics
The 1.8 V I/O complies to the EIA/JEDEC standard JESD8-7.
Table 8.
I/O DC electrical characteristic
Symbol
Parameter
Value
Unit
Min
Typ
Max
Vil
Low level input voltage
VIO = 1.8 V
0.63
V
Vih
High level input voltage
VIO =1.8 V
1.17
V
Vhyst
Schmitt trigger hysteresis
VIO =1.8 V
0.10
V
Vil
Low level input voltage
VIO = 3.3 V
1.15
V
Vih
High level input voltage
VIO =3.3 V
2.14
V
Vhyst
Schmidt trigger hysteresis
VIO =3.3 V
0.20
V
Table 9.
DC input specification (1.55 V < VCC <1.95 V)
Symbol
Parameter
Test
conditions
Value
Unit
Min
Typ
Max
Vol
Low level output voltage
Iol =4mA
VIO =1.8 V
0.45
V
Voh
High level output voltage
Ioh =4mA
VIO =1.8 V
1.35
V
Vol
Low level output voltage
Iol =4mA
VIO =3.3 V
0.83
V
Voh
High level output voltage
Ioh =4mA
VIO =3.3 V
2.48
V
Table 10.
DC output specification (1.55 V < VCC < 1.95 V)
Symbol
Parameter
Test conditions
Value
Unit
Min
Typ
Max
Ipu
Pull-up current
Vi = 0 V
15
35
65
μA
Rup
(1)
1.
Applicable to GPIO_0 to GPIO_7.
Equivalent pull-up
resistance
VCC = 3.3 V
306090
K
Ω
VCC = 1.8 V
50
100
150
K
Ω
Rup
(2)
2.
Applicable to GPIO_8 to GPIO_15.
Equivalent pull-up
resistance
VIO = 3.3 V
306090
K
Ω
VIO = 1.8 V
50
100
150
K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com