Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE811 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STMPE811
Description  8-bit port expander with advanced touchscreen controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STMPE811 Datasheet HTML 34Page - STMicroelectronics STMPE811 Datasheet HTML 35Page - STMicroelectronics STMPE811 Datasheet HTML 36Page - STMicroelectronics STMPE811 Datasheet HTML 37Page - STMicroelectronics STMPE811 Datasheet HTML 38Page - STMicroelectronics STMPE811 Datasheet HTML 39Page - STMicroelectronics STMPE811 Datasheet HTML 40Page - STMicroelectronics STMPE811 Datasheet HTML 41Page - STMicroelectronics STMPE811 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
Touchscreen controller
STMPE811
38/54
TSC_DATA
Touchscreen controller DATA
Address:
0x57 (auto-increment), 0x07 (non-auto-increment)
Type:
R
Reset:
0x00
Description:
Data port for TSC data access
The data format from the TSC_DATA register depends on the setting of "OpMode" field in
TSC_CTRL register. The samples acquired are accessed in "packed samples". The size of
each "packed sample" depends on which mode the touchscreen controller is operating in.
The TSC_DATA register can be accessed in 2 modes:
●
Autoincrement
●
Non autoincrement
To access the 128-sets buffer, the non autoincrement mode should be used.
7654
3
2
1
0
DATA
[11:0] DATA: data bytes from TSC FIFO
Table 15.
Touchscreen controller DATA register
TSC_CTRL in
operation
mode
Number of
bytes to read
from
TSC_DATA
Byte0
Byte1
Byte2
Byte3
000
4
[11:4] of X
[3:0] of X
[11:8] of Y
[7:0] of Y
[7:0] of Z
001
3
[11:4] of X
[3:0] of X
[11:8] of Y
[7:0] of Y
010
2
[11:4] of X
[3:0] of X
011
2
[11:4] of Y
[3:0] of Y
100
1
[7:0] of Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com