Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE1208S Datasheet(PDF) 10 Page - STMicroelectronics

Part # STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STMPE1208S_08 Datasheet HTML 6Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 7Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 8Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 9Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 10Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 11Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 12Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 13Page - STMicroelectronics STMPE1208S_08 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
I2C interface
STMPE1208S
10/51
3
I2C interface
The features that are supported by the I2C interface are the following ones:
●
I2C slave device
●
Compliant to Philips I2C specification version 2.1
●
Supports standard (up to 100 kbps) and fast (up to 400 kbps) modes.
●
7-bit and 10-bit device addressing modes
●
General call
●
Start/Restart/Stop
The address is selected by the state of 2 pins. The state of the pins is read upon reset and
then the pins can be configured for normal operation. The pins have a pull-up or down to set
the address. The I2C interface module allows the connected host system to access the
registers in the STMPE1208S.
Start condition
A Start condition is identified by a falling edge of SDATA while SCLK is stable at high state.
A Start condition must precede any data/command transfer. The device continuously
monitors for a Start condition and will not respond to any transaction unless one is
encountered.
Stop condition
A Stop condition is identified by a rising edge of SDATA while SCLK is stable at high state.
A Stop condition terminates communication between the slave device and bus master. A
read command that is followed by NoAck can be followed by a Stop condition to force the
slave device into idle mode. When the slave device is in idle mode, it is ready to receive the
next I2C transaction. A Stop condition at the end of a write command stops the write
operation to registers.
Acknowledge bit (ACK)
The acknowledge bit is used to indicate a successful byte transfer. The bus transmitter
releases the SDATA after sending eight bits of data. During the ninth bit, the receiver pulls
the SDATA low to acknowledge the receipt of the eight bits of data. The receiver may leave
the SDATA in high state if it would to not acknowledge the receipt of the data.
Table 4.
I2C addresses
ID_1
ID_0
7-bit address
7-bit address
Write
Read
0
0
0x58
0xB0
0xB1
0
1
0x59
0xB2
0xB3
1
0
0x5A
0xB4
0xB5
1
1
0x5B
0xB6
0xB7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com