Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS431AIYLT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS431AIYLT
Description  Low voltage adjustable shunt reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS431AIYLT Datasheet(HTML) 1 Page - STMicroelectronics

  TS431AIYLT Datasheet HTML 1Page - STMicroelectronics TS431AIYLT Datasheet HTML 2Page - STMicroelectronics TS431AIYLT Datasheet HTML 3Page - STMicroelectronics TS431AIYLT Datasheet HTML 4Page - STMicroelectronics TS431AIYLT Datasheet HTML 5Page - STMicroelectronics TS431AIYLT Datasheet HTML 6Page - STMicroelectronics TS431AIYLT Datasheet HTML 7Page - STMicroelectronics TS431AIYLT Datasheet HTML 8Page - STMicroelectronics TS431AIYLT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
August 2007
Rev 6
1/12
12
TS431
Low voltage adjustable shunt reference
Features
Low voltage operation: 1.24 to 6V
2%, 1% and 0.5% voltage precision
Wide operating range cathode current: 60µA to
30mA
Low output impedance: 0.2
Ω
Typically stable for any capacitive loads
ESD protection:
– Human body model: 2kV
– Machine model: 200V
100ppm/°C temperature coefficient
Description
The TS431 is a low-voltage, three-terminal,
programmable shunt voltage reference.
The output voltage can be set to any value
between Vref (1.24V) and 6V with two external
resistors.
The TS431 is able to operate at a lower voltage
(1.24V) and lower cathode current than the widely
used TL431 and TL1431 shunt voltage reference.
When driving an optocoupler, the TS431 is
particularly useful for regulating 3.3V switching
power supplies.
L
SOT23-5
(Plastic micropackage)
Z
TO92
(Plastic package)
www.st.com


Similar Part No. - TS431AIYLT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS431AIYLT1 STMICROELECTRONICS-TS431AIYLT1 Datasheet
141Kb / 14P
LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
22-Sep-2006
More results

Similar Description - TS431AIYLT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS431 STMICROELECTRONICS-TS431 Datasheet
141Kb / 14P
LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
22-Sep-2006
TS432 STMICROELECTRONICS-TS432 Datasheet
153Kb / 7P
1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
Dec-2002
logo
List of Unclassifed Man...
AMC431 ETC2-AMC431 Datasheet
174Kb / 11P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
Texas Instruments
TS432 TI-TS432_08 Datasheet
184Kb / 11P
1.24 V adjustable shunt voltage reference
logo
STMicroelectronics
TS432 STMICROELECTRONICS-TS432_08 Datasheet
184Kb / 11P
1.24 V adjustable shunt voltage reference
07-Apr-2008
logo
ACE Technology Co., LTD...
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
Precision adjustable shunt voltage reference
VER 1.2
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
Precision adjustable shunt voltage reference
VER 1.3
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
Precision adjustable shunt voltage reference
VER 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com