Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZM2BB45FS Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZM2BB45FS
Description  3.5x2.8 mm PLCC2 SMD LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZM2BB45FS Datasheet(HTML) 1 Page - SunLED Corporation

  ZM2BB45FS Datasheet HTML 1Page - SunLED Corporation ZM2BB45FS Datasheet HTML 2Page - SunLED Corporation ZM2BB45FS Datasheet HTML 3Page - SunLED Corporation ZM2BB45FS Datasheet HTML 4Page - SunLED Corporation ZM2BB45FS Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Published Date : FEB 28,2008
Drawing No : SDSA6370
V1
Checked : B.L.LIU
P.1/5
Part Number:
ZM2BB45FS
3.5x2.8 mm PLCC2 SMD LED
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZM2BB45FS
Blue
InGaN
Water Clear
180
347
458
120°
PRELIMINARY SPEC
Absolute Maximum Ratings
(TA=25°C)
M2BB
(InGaN)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
100
mA
Power Dissipation
PT
111
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Electrostatic Discharge Threshold
(HBM)
1000
V
Operating Characteristics
(TA=25°C)
M2BB
(InGaN)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
3.2
V
Forward Voltage (Max.)
(IF=20mA)
VF
3.7
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=20mA)
λ P
458
nm
Wavelength of Dominant
Emission (Typ.)
(IF=20mA)
λ D
465
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
22
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
110
pF
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
SINGLE COLOR.
SUITABLE FOR ALL SMT ASSEMBLY AND
SOLDER PROCESS.
AVAILABLE ON TAPE AND REEL.
IDEAL FOR BACKLIGHTING.
PACKAGE : 1500PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
R.CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用, ou=SPEC
專用, email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.02.29
08:54:11 +08'00'


Similar Part No. - ZM2BB45FS

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZM2BB45FS-9 SUNLED-ZM2BB45FS-9 Datasheet
239Kb / 5P
3.5x2.8 mm SURFACE MOUNT LED LAMP
More results

Similar Description - ZM2BB45FS

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AAA3529SES-L KINGBRIGHT-AAA3529SES-L Datasheet
219Kb / 6P
3.5x2.8 mm SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2CR45FW SUNLED-ZM2CR45FW Datasheet
202Kb / 4P
3.5x2.8 mm PLCC2 SMD LED
ZM2CY45FW SUNLED-ZM2CY45FW Datasheet
198Kb / 4P
3.5x2.8 mm PLCC2 SMD LED
ZMD45FW SUNLED-ZMD45FW Datasheet
195Kb / 4P
3.5x2.8 mm PLCC2 SMD LED
ZMDK45FW SUNLED-ZMDK45FW Datasheet
195Kb / 4P
3.5x2.8 mm PLCC2 SMD LED
ZMG45FW SUNLED-ZMG45FW Datasheet
191Kb / 4P
3.5x2.8 mm PLCC2 SMD LED
ZUR45FW SUNLED-ZUR45FW Datasheet
195Kb / 4P
3.5x2.8 mm PLCC2 SMD LED
ZUY45FW SUNLED-ZUY45FW Datasheet
196Kb / 4P
3.5x2.8 mm PLCC2 SMD LED
ZVG45FW SUNLED-ZVG45FW Datasheet
192Kb / 4P
3.5x2.8 mm PLCC2 SMD LED
ZMO45FW SUNLED-ZMO45FW Datasheet
195Kb / 4P
3.5x2.8 mm PLCC2 SMD LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com