Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP10NB20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP10NB20
Description  N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10NB20 Datasheet(HTML) 1 Page - STMicroelectronics

  STP10NB20 Datasheet HTML 1Page - STMicroelectronics STP10NB20 Datasheet HTML 2Page - STMicroelectronics STP10NB20 Datasheet HTML 3Page - STMicroelectronics STP10NB20 Datasheet HTML 4Page - STMicroelectronics STP10NB20 Datasheet HTML 5Page - STMicroelectronics STP10NB20 Datasheet HTML 6Page - STMicroelectronics STP10NB20 Datasheet HTML 7Page - STMicroelectronics STP10NB20 Datasheet HTML 8Page - STMicroelectronics STP10NB20 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STP10NB20
STP10NB20FP
N - CHANNEL ENHANCEMENT MODE
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 0.3
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process,
SGS-Thomson
has
designed
an
advanced
family
of
power
MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
INTERNAL SCHEMATIC DIAGRAM
November 1997
TO-220
TO-220FP
1
2
3
1
2
3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
ST P10NB20
STP10NB20FP
VDS
Drain-source Voltage (VGS =0)
200
V
VDGR
Drain- gate Volt age (RGS =20 k
Ω)
200
V
VGS
Gat e-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC10
6
A
ID
Drain Current (continuous) at Tc =100
oC6
4
A
IDM(
•)
Drain Current (pulsed)
40
40
A
Ptot
Tot al Dissipation at Tc =25
oC85
30
W
Derating Factor
0.68
0.24
W/
oC
dv/dt(1)
Peak Diode Recovery voltage slope
5.5
5.5
V/ ns
VISO
Insulat ion W it hst and Voltage (DC)
2000
V
Tstg
Storage T emperat ure
-65 t o 150
oC
Tj
Max. O perating Junction T emperat ure
150
oC
(
•) Pulse width limited by safe operating area
(1)ISD
≤ 10A, di/dt ≤ 300 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
STP10NB20
STP10NB20F P
200 V
200 V
<0.40
Ω
<0.40
Ω
10 A
6A
1/9


Similar Part No. - STP10NB20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP10NB20 ISC-STP10NB20 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
STP10NB20FP ISC-STP10NB20FP Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP10NB20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB11NB40 STMICROELECTRONICS-STB11NB40 Datasheet
102Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
STB19NB20 STMICROELECTRONICS-STB19NB20 Datasheet
85Kb / 8P
N - CHANNEL ENHANCEMENT MODE PowerMESH] MOSFET
Jun-1998
STB7NB40 STMICROELECTRONICS-STB7NB40 Datasheet
61Kb / 6P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Oct-1997
STD2NB60 STMICROELECTRONICS-STD2NB60 Datasheet
291Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
STP12NB30 STMICROELECTRONICS-STP12NB30 Datasheet
56Kb / 6P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Jan-1998
STP5NB40 STMICROELECTRONICS-STP5NB40 Datasheet
71Kb / 7P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Oct-1997
STP7NB40 STMICROELECTRONICS-STP7NB40 Datasheet
73Kb / 4P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Jan-1998
STP7NB60 STMICROELECTRONICS-STP7NB60 Datasheet
115Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
STU13NB60 STMICROELECTRONICS-STU13NB60 Datasheet
61Kb / 6P
N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Oct-1997
STU36NB20 STMICROELECTRONICS-STU36NB20 Datasheet
57Kb / 6P
N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Jan-1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com