Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74VHC574 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHC574
Description  OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC574 Datasheet(HTML) 1 Page - STMicroelectronics

  74VHC574 Datasheet HTML 1Page - STMicroelectronics 74VHC574 Datasheet HTML 2Page - STMicroelectronics 74VHC574 Datasheet HTML 3Page - STMicroelectronics 74VHC574 Datasheet HTML 4Page - STMicroelectronics 74VHC574 Datasheet HTML 5Page - STMicroelectronics 74VHC574 Datasheet HTML 6Page - STMicroelectronics 74VHC574 Datasheet HTML 7Page - STMicroelectronics 74VHC574 Datasheet HTML 8Page - STMicroelectronics 74VHC574 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
November 2004
s
HIGH SPEED:
s
fMAX = 180 MHz (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 4 µA (MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 574
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.9V (MAX.)
DESCRIPTION
The 74VHC574 is an advanced high-speed
CMOS OCTAL D-TYPE FLIP FLOP with 3 STATE
OUTPUTS NON INVERTING fabricated with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology.
These 8 bit D-Type flip-flop is controlled by a clock
input (CK) and an output enable input (OE).
On the positive transition of the clock, the Q
outputs will be set to the logic states that were
setup at the D inputs.
While the (OE) input is low, the 8 outputs will be in
a normal logic state (high or low logic level) and
while high level the outputs will be in a high
impedance state.
The Output control does not affect the internal
operation of flip flop; that is, the old data can be
retained or the new data can be entered even
while the outputs are off.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74VHC574
OCTAL D-TYPE FLIP FLOP
WITH 3 STATE OUTPUTS NON INVERTING
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74VHC574MTR
TSSOP
74VHC574TTR
TSSOP
SOP
Rev. 4


Similar Part No. - 74VHC574

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC574 STMICROELECTRONICS-74VHC574 Datasheet
75Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jun-1999
logo
Fairchild Semiconductor
74VHC574 FAIRCHILD-74VHC574 Datasheet
107Kb / 8P
Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74VHC574 ONSEMI-74VHC574 Datasheet
212Kb / 10P
Octal D-Type Flip-Flop with 3-STATE Outputs
Revised May 2005
logo
Toshiba Semiconductor
74VHC574FT TOSHIBA-74VHC574FT Datasheet
178Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
logo
STMicroelectronics
74VHC574M STMICROELECTRONICS-74VHC574M Datasheet
75Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jun-1999
More results

Similar Description - 74VHC574

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A Datasheet
196Kb / 8P
Octal 3-State Non-Inverting D Flip-Flop
March, 2000 ??Rev. 8
logo
STMicroelectronics
74AC574 STMICROELECTRONICS-74AC574 Datasheet
248Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74LVQ574 STMICROELECTRONICS-74LVQ574 Datasheet
75Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
Feb-1999
logo
Toshiba Semiconductor
TC74HC564AP TOSHIBA-TC74HC564AP Datasheet
267Kb / 6P
OCTAL D -TYPE FLIP-FLOP WITH 3-STATE OUTPUT. INVERTING, NON INVERTING
logo
STMicroelectronics
M74HCT374 STMICROELECTRONICS-M74HCT374 Datasheet
233Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
74LVQ374 STMICROELECTRONICS-74LVQ374 Datasheet
289Kb / 13P
OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS NON INVERTING
29-Jul-2004
74LVQ574 STMICROELECTRONICS-74LVQ574_04 Datasheet
289Kb / 13P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
29-Jul-2004
74VHC374 STMICROELECTRONICS-74VHC374_04 Datasheet
303Kb / 14P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
12-Nov-2004
74VHCT574A STMICROELECTRONICS-74VHCT574A_04 Datasheet
273Kb / 13P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
16-Dec-2004
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A_14 Datasheet
122Kb / 7P
Octal 3-State Non-Inverting D Flip-Flop
August, 2014 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com