Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A6902D Datasheet(PDF) 3 Page - STMicroelectronics

Part # A6902D
Description  Up to 1 A step down switching regulator with adjustable current limit for automotive applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6902D Datasheet(HTML) 3 Page - STMicroelectronics

  A6902D Datasheet HTML 1Page - STMicroelectronics A6902D Datasheet HTML 2Page - STMicroelectronics A6902D Datasheet HTML 3Page - STMicroelectronics A6902D Datasheet HTML 4Page - STMicroelectronics A6902D Datasheet HTML 5Page - STMicroelectronics A6902D Datasheet HTML 6Page - STMicroelectronics A6902D Datasheet HTML 7Page - STMicroelectronics A6902D Datasheet HTML 8Page - STMicroelectronics A6902D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Description
A6902D
3/12
1
Description
The A6902D is a complete and simple step down switching regulator with adjustable current
limit. Based on a voltage mode structure it integrates a current error amplifier to have a
constant voltage and constant current control. By means of an on board current sense
resistor and the availability of the current sense pins (both compatible to Vcc and for Cs-
compatible with GND too) a current limit programming is very simple and accurate.
Moreover constant current control can be used to charge NiMH and NiCd batteries.The
device can be used as a standard DC/DC converter with adjustable current limit (set by
using the external sense resistor). The internal robust P-channel DMOS transistor with a
typical of 250 m
Ω assures high efficiency and a minimum dropout even at high output
current level. The internal limiting current (latched function) of typical value of 2.5 A protects
the device from accidental output short circuit avoiding dangerous loads damage. If the
temperature of the chip goes higher than a fixed internal threshold (150 °C with 20 °C
hysteresis), the power stage is turned off.
Other protections beside thermal shutdown complete the device for a safe and reliable
application: overvoltage protection, frequency folback overcurrent protection and protection
vs. feedback disconnection. The internal fixed switching frequency of 250 kHz, and the
SO-8 package pin allow to built an ultra compact DC/ DC converter with a minimum board
space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com