Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP11NB40 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP11NB40
Description  N - CHANNEL 400V - 0.48ohm - 10.7A - TO-220/TO-220FP PowerMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NB40 Datasheet(HTML) 1 Page - STMicroelectronics

  STP11NB40 Datasheet HTML 1Page - STMicroelectronics STP11NB40 Datasheet HTML 2Page - STMicroelectronics STP11NB40 Datasheet HTML 3Page - STMicroelectronics STP11NB40 Datasheet HTML 4Page - STMicroelectronics STP11NB40 Datasheet HTML 5Page - STMicroelectronics STP11NB40 Datasheet HTML 6Page - STMicroelectronics STP11NB40 Datasheet HTML 7Page - STMicroelectronics STP11NB40 Datasheet HTML 8Page - STMicroelectronics STP11NB40 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STP11NB40
STP11NB40FP
N - CHANNEL 400V - 0.48
Ω - 10.7A - TO-220/TO-220FP
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 0.48
Ω
s
EXTREMELY HIGH dV/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced family
of
power MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
September 1998
TO-220
TO-220FP
1
2
3
1
2
3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
ST P11NB40
STP11NB40F P
VDS
Drain-source Voltage (VGS =0)
400
V
VDGR
Drain- gate Volt age (RGS =20 k
Ω)
400
V
VGS
G ate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC
10.7
6.0
A
ID
Drain Current (continuous) at Tc =100
oC6.7
3.8
A
IDM (
•)
Drain Current (pulsed)
42.8
42.8
A
Ptot
T otal Dissipation at Tc =25
oC
125
40
W
Derating Factor
1.0
0.32
W /
o C
dv/dt (1)
Peak Diode Recovery volt age slope
4.5
4.5
V/ns
VISO
I nsulat ion W ithstand Voltage (DC)
2000
V
Tstg
Storage Temperat ure
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 10.7A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
ST P11NB40
ST P11NB40FP
400 V
400 V
<0. 55
Ω
<0. 55
Ω
10.7 A
6.0 A
1/9


Similar Part No. - STP11NB40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP11NB40 ISC-STP11NB40 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STP11NB40FP VBSEMI-STP11NB40FP Datasheet
1Mb / 8P
Power MOSFET
logo
Inchange Semiconductor ...
STP11NB40FP ISC-STP11NB40FP Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP11NB40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10NC50 STMICROELECTRONICS-STP10NC50 Datasheet
57Kb / 7P
N - CHANNEL 500V - 0.48ohm - 10A - TO-220/TO-220FP PowerMESH MOSFET
Nov-1999
STP11NC40 STMICROELECTRONICS-STP11NC40 Datasheet
388Kb / 10P
N-CHANNEL 400V - 0.44ohm - 9.5A TO-220/TO-220FP PowerMESH™ I Power MOSFET
Jan-2002
STP3NB80 STMICROELECTRONICS-STP3NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP4NB100 STMICROELECTRONICS-STP4NB100 Datasheet
109Kb / 9P
N - CHANNEL 1000V - 4ohm - 3.8A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1999
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh™ MOSFET
May-2001
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh™ MOSFET
Apr-2003
STP4NB80 STMICROELECTRONICS-STP4NB80 Datasheet
354Kb / 9P
N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESH MOSFET
Sep-2001
STP5NB80 STMICROELECTRONICS-STP5NB80 Datasheet
107Kb / 9P
N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP7NB80 STMICROELECTRONICS-STP7NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 1.2ohm - 6.5A - TO-220/TO-220FP PowerMESH MOSFET
Apr-1999
STB11NB40-1 STMICROELECTRONICS-STB11NB40-1 Datasheet
245Kb / 11P
N-CHANNEL 400V - 0.48ohm - 10.7A DPAK/IPAK PowerMESH MOSFET
14-Apr-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com