Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HCF4002BM1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4002BM1
Description  DUAL 4-INPUT NOR GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4002BM1 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4002BM1 Datasheet HTML 1Page - STMicroelectronics HCF4002BM1 Datasheet HTML 2Page - STMicroelectronics HCF4002BM1 Datasheet HTML 3Page - STMicroelectronics HCF4002BM1 Datasheet HTML 4Page - STMicroelectronics HCF4002BM1 Datasheet HTML 5Page - STMicroelectronics HCF4002BM1 Datasheet HTML 6Page - STMicroelectronics HCF4002BM1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
September 2001
s
PROPAGATION DELAY TIME :
tPD = 50ns (TYP.) at VDD = 10V CL = 50pF
s
BUFFERED INPUTS AND OUTPUTS
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4002B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The HCF4002B DUAL 4-INPUT NOR GATE
provides
the
system
designer
with
direct
implementation
of
the
NOR
function
and
supplement the existing family of CMOS gates. All
inputs and outputs are buffered.
HCF4002B
DUAL 4-INPUT NOR GATE
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4002BEY
SOP
HCF4002BM1
HCF4002M013TR
DIP
SOP


Similar Part No. - HCF4002BM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4002BM1 STMICROELECTRONICS-HCF4002BM1 Datasheet
289Kb / 13P
NOR GATE
More results

Similar Description - HCF4002BM1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4002 PHILIPS-74HC4002 Datasheet
34Kb / 6P
Dual 4-input NOR gate
December 1990
HEF4002B PHILIPS-HEF4002B Datasheet
24Kb / 3P
Dual 4-input NOR gate
January 1995
logo
STMicroelectronics
M54HC4002 STMICROELECTRONICS-M54HC4002 Datasheet
233Kb / 9P
DUAL 4 INPUT NOR GATE
Oct-1992
logo
Toshiba Semiconductor
TC74HC4002AP TOSHIBA-TC74HC4002AP Datasheet
177Kb / 4P
DUAL 4-INPUT NOR GATE
logo
System Logic Semiconduc...
SL4002B SLS-SL4002B Datasheet
30Kb / 4P
Dual 4-Input NOR Gate
logo
Hitachi Semiconductor
HD14002B HITACHI-HD14002B Datasheet
49Kb / 4P
Dual 4-input NOR Gate
logo
Nexperia B.V. All right...
74HC4002-Q100 NEXPERIA-74HC4002-Q100 Datasheet
717Kb / 14P
Dual 4-input NOR gate
74HC4002 NEXPERIA-74HC4002 Datasheet
221Kb / 11P
Dual 4-input NOR gate
Rev. 7 - 13 September 2021
74HCT4002-Q100 NEXPERIA-74HCT4002-Q100 Datasheet
716Kb / 14P
Dual 4-input NOR gate
Rev. 1 - 18 July 2012
74HCT4002 NEXPERIA-74HCT4002 Datasheet
765Kb / 15P
Dual 4-input NOR gate
Rev. 5 - 26 May 2016
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com