Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EMIF10-COM01F2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF10-COM01F2
Description  10-line IPAD, EMI filter including ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-COM01F2 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF10-COM01F2_08 Datasheet HTML 1Page - STMicroelectronics EMIF10-COM01F2_08 Datasheet HTML 2Page - STMicroelectronics EMIF10-COM01F2_08 Datasheet HTML 3Page - STMicroelectronics EMIF10-COM01F2_08 Datasheet HTML 4Page - STMicroelectronics EMIF10-COM01F2_08 Datasheet HTML 5Page - STMicroelectronics EMIF10-COM01F2_08 Datasheet HTML 6Page - STMicroelectronics EMIF10-COM01F2_08 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EMIF10-COM01F2
Characteristics
3/7
Figure 7.
Rise time measurement
Figure 8.
Capacitance versus reverse applied voltage
Figure 5.
ESD response to IEC 61000-4-2
(+15 kV air discharge) on one input
(Vin) and on one output (Vout)
Figure 6.
ESD response to IEC 61000-4-2
(-15 kV air discharge) on one input
(Vin) and on one output (Vout)
V(in1)
V(out1)
V(in1)
V(out1)
EMIF10-COM01F2
In
Out
Square signal
Generator Vc = 2.8V
100k
Vout
Vin
10
20
30
40
50
012
345
VR(V)
C(pF)
F=1MHz
Vosc=30mV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com