Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EMIF10-LCD01F2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF10-LCD01F2
Description  10 line EMI filter and ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-LCD01F2 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF10-LCD01F2 Datasheet HTML 1Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 2Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 3Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 4Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 5Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 6Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 7Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
EMIF10-LCD01F2
4/8
Figure 10.
Aplac model
Figure 11.
Aplac parametersl
EMIF10-LCD01F2 model
Ground return
ZRZ structure
aplacvar Remif10low 100
aplacvar Cemif10flow 17.5pF
Bumps
aplacvar Lbump 50pH
aplacvar Rbump 20m
aplacvar Cbump 1.5pF
Bulk
aplacvar Rsub 100m
Gnd connections
aplacvar Rgnd 100m
aplacvar Lgnd 200pH
aplacvar Cgnd 0.15pF
BV = 7
CJO = Cemif10low
IBV = 1u
IKF = 1000
IS = 10f
ISR = 100p
N = 1
M = 0.3333
RS = 0.015
VJ = 0.6
TT = 50n



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com