Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP12NM50FD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP12NM50FD
Description  N-CHANNEL500V-0.32ohm-12ATO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??Power MOSFET with FAST DIODE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12NM50FD Datasheet(HTML) 1 Page - STMicroelectronics

  STP12NM50FD Datasheet HTML 1Page - STMicroelectronics STP12NM50FD Datasheet HTML 2Page - STMicroelectronics STP12NM50FD Datasheet HTML 3Page - STMicroelectronics STP12NM50FD Datasheet HTML 4Page - STMicroelectronics STP12NM50FD Datasheet HTML 5Page - STMicroelectronics STP12NM50FD Datasheet HTML 6Page - STMicroelectronics STP12NM50FD Datasheet HTML 7Page - STMicroelectronics STP12NM50FD Datasheet HTML 8Page - STMicroelectronics STP12NM50FD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
June 2002
STP12NM50FD-STP12NM50FDFP-STW14NM50FD
STB12NM50FD - STB12NM50FD-1
N-CHANNEL500V-0.32
Ω-12ATO-220/FP/D2PAK/I2PAK/TO-247
FDmesh™ Power MOSFET (with FAST DIODE)
s
TYPICAL RDS(on) = 0.32 Ω
s
HIGH dv/dt AND AVALANCHE CAPABILITIES
s
100% AVALANCHE TESTED
s
LOW INPUT CAPACITANCE AND GATE
CHARGE
s
LOW GATE INPUT RESISTANCE
s
TIGHT PROCESS CONTROL AND HIGH
MANUFACTURING YIELDS
DESCRIPTION
The FDmesh™ associates all advantages of re-
duced on-resistance and fast switching with an in-
trinsic fast-recovery body diode. It is therefore
strongly recommended for bridge topologies, in par-
ticular ZVS phase-shift converters.
APPLICATIONS
s
ZVS PHASE-SHIFT FULL BRIDGE
CONVERTERS FOR SMPS AND WELDING
EQUIPMENT
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STP12NM50FD
STP12NM50FDFP
STB12NM50FD
STB12NM50FD-1
STW14NM50FD
500 V
500 V
500 V
500 V
500 V
< 0.4
Ω
< 0.4
Ω
< 0.4
Ω
< 0.4
Ω
< 0.4
Ω
12 A
12 A
12 A
12 A
14 A
160 W
35 W
160 W
160 W
175 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP12NM50FD
P12NM50FD
TO-220
TUBE
STP12NM50FDFP
P12NM50FDFP
TO-220FP
TUBE
STB12NM50FD
B12NM50FD
D2PAK
TUBE
STB12NM50FDT4
B12NM50FD
D2PAK
TAPE & REEL
STB12NM50FD-1
B12NM50FD
I2PAK
TUBE
STW14NM50FD
W14NM50FD
TO-247
TUBE
TO-220
TO-220FP
1
2
3
1
2
3
TO-247
1
2
3
1
3
I2PAK
D2PAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP12NM50FD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP12NM50FD STMICROELECTRONICS-STP12NM50FD Datasheet
466Kb / 18P
N-channel 500V - 0.32Ω - 12A - TO-220/FP - D2/I2PAK - TO-247 FDmesh??Power MOSFET (with fast diode)
03-May-2006
logo
Inchange Semiconductor ...
STP12NM50FD ISC-STP12NM50FD Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP12NM50FD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP14NK60Z STMICROELECTRONICS-STP14NK60Z Datasheet
672Kb / 17P
N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH Power MOSFET
06-Sep-2005
STP15NK50Z STMICROELECTRONICS-STP15NK50Z Datasheet
672Kb / 14P
N-CHANNEL500V-0.30ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Aug-2002
STP20NM50FD STMICROELECTRONICS-STP20NM50FD Datasheet
276Kb / 9P
N-CHANNEL 500V - 0.22ohm - 20A TO-220/I2PAK FDmesh™ Power MOSFET with FAST DIODE
Aug-2003
STP22NM60 STMICROELECTRONICS-STP22NM60 Datasheet
386Kb / 11P
N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh™ Power MOSFET
Jun-2003
STB11NM60FD STMICROELECTRONICS-STB11NM60FD Datasheet
495Kb / 17P
N-channel 600V - 0.40OHM - 11A - TO-220/TO-220FP/D2PAK/I2PAK FDmesh TM Power MOSFET (with fast diode)
26-Jul-2006
STP14NK50Z STMICROELECTRONICS-STP14NK50Z_06 Datasheet
626Kb / 19P
N-channel 500V - 0.34OHM - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH Power MOSFET
26-Jul-2006
STF30NM60ND STMICROELECTRONICS-STF30NM60ND Datasheet
289Kb / 15P
N-channel 600V - 0.11Ω - 25A TO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??II Power MOSFET (with fast diode)
06-Nov-2007
STB12NM50FD STMICROELECTRONICS-STB12NM50FD_06 Datasheet
466Kb / 18P
N-channel 500V - 0.32Ω - 12A - TO-220/FP - D2/I2PAK - TO-247 FDmesh??Power MOSFET (with fast diode)
03-May-2006
STB23NM60ND STMICROELECTRONICS-STB23NM60ND Datasheet
343Kb / 15P
N-channel 600 V - 0.150 廓 - 20 A - D2/I2PAK - TO-220/FP - TO-247 FDmesh??II Power MOSFET
22-Jan-2008
STX30NM60ND STMICROELECTRONICS-STX30NM60ND Datasheet
798Kb / 18P
N-channel 600 V, 0.11 Ω, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
11-Nov-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com